Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA325/V Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATMEGA325/V
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325/V Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATMEGA325/V Datasheet HTML 67Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 68Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 69Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 70Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 71Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 72Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 73Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 74Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 347 page
background image
71
ATmega325/3250/645/6450
2570A–AVR–09/04
Alternate Functions of Port J
Port J is only present in ATmega3250/6450. The alternate pin configuration is as
follows:
The alternate pin configuration is as follows:
• PCINT30 – Port J, Bit 6
PCINT30, Pin Change Interrupt Source 30: The PE30 pin can serve as an external inter-
rupt source.
• PCINT29 – Port J, Bit 5
PCINT29, Pin Change Interrupt Source 29: The PE29 pin can serve as an external inter-
rupt source.
• PCINT28 – Port J, Bit 4
PCINT28, Pin Change Interrupt Source 28: The PE28 pin can serve as an external inter-
rupt source.
• PCINT27 – Port J, Bit 3
PCINT27, Pin Change Interrupt Source 27: The PE27 pin can serve as an external inter-
rupt source.
• PCINT26 – Port J, Bit 2
PCINT26, Pin Change Interrupt Source 26: The PE26 pin can serve as an external inter-
rupt source.
• PCINT25 – Port J, Bit 1
PCINT25, Pin Change Interrupt Source 25: The PE25 pin can serve as an external inter-
rupt source.
• PCINT24 – Port J, Bit 0
PCINT24, Pin Change Interrupt Source 24: The PE24 pin can serve as an external inter-
rupt source.
Table 43 and Table 44 relates the alternate functions of Port J to the overriding signals
shown in Figure 26 on page 57.
Table 42. Port J Pins Alternate Functions
Port Pin
Alternate Function
PJ6
PCINT30 (Pin Change Interrupt30)
PJ5
PCINT29 (Pin Change Interrupt29)
PJ4
PCINT28 (Pin Change Interrupt28)
PJ3
PCINT27 (Pin Change Interrupt27)
PJ2
PCINT26(Pin Change Interrupt26)
PJ1
PCINT25(Pin Change Interrupt25)
PJ0
PCINT24 (Pin Change Interrupt26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com