Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3250/V Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATMEGA3250/V
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250/V Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATMEGA3250/V Datasheet HTML 63Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 64Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 65Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 66Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 67Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 68Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 69Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 70Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 347 page
background image
67
ATmega325/3250/645/6450
2570A–AVR–09/04
Alternate Functions of Port G
The alternate pin configuration is as follows:
Note:
1. Port G, PG5 is input only. Pull-up is always on. See “Extended Fuse Byte” on page
257 for RSTDISBL fuse.
The alternate pin configuration is as follows:
• T0 – Port G, Bit 4
T0, Timer/Counter0 Counter Source.
• T1 – Port G, Bit 3
T1, Timer/Counter1 Counter Source.
Table 37 and Table 38 relates the alternate functions of Port G to the overriding signals
shown in Figure 26 on page 57.
Table 36. Overriding Signals for Alternate Functions in PF3..PF0
Signal
Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
PTOE
–––
–
DIEOE
000
0
DIEOV
000
0
DI
–––
–
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 37. Port G Pins Alternate Functions
Port Pin
Alternate Function
PG5
RESET(1)
PG4
T0 (Timer/Counter0 Clock Inpu)
PG3
T1 (Timer/Counter1 Clock Input)
PG2
-
PG1
-
PG0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com