Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB02-101007 Datasheet(PDF) 1 Page - CUI Devices

Part # HSB02-101007
Description  HEAT SINK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

HSB02-101007 Datasheet(HTML) 1 Page - CUI Devices

  HSB02-101007 Datasheet HTML 1Page - CUI Devices HSB02-101007 Datasheet HTML 2Page - CUI Devices HSB02-101007 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: HSB02-101007 | DESCRIPTION: HEAT SINK
cuidevices.com
FEATURES
• BGA design
• small footprint
• aluminum alloy
• black anodized finish
MODEL
thermal resistance1
power
dissipation1
@ 75°C ΔT, nat
conv (°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT, nat
conv
(W)
HSB02-101007
37.90
41.9
16.50
12.30
1.98
Note:
1. See performance curves for full thermal resistance details.
PERFORMANCE CURVES
0
20
40
60
80
100
120
140
012345
Without Airflow
200 LFM
400 LFM
Heat Dissipated (W)
Heatsink Temperature Rise Above
Ambient (
ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
41.9
16.5
12.3
2
75.8
32.3
23.9
3
105.6
47.8
35.2
4
132.1
62.9
47.3
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
Additional Resources: Product Page | 3D Model


Similar Part No. - HSB02-101007

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSB02-101007 CUI-HSB02-101007 Datasheet
347Kb / 3P
HEAT SINK
More results

Similar Description - HSB02-101007

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
HEAT SINK
HSB05-171711 CUI-HSB05-171711 Datasheet
302Kb / 3P
HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
HEAT SINK
HSB14-353518 CUI-HSB14-353518 Datasheet
396Kb / 3P
HEAT SINK
logo
CUI Devices
HSB03-141406 CUID-HSB03-141406 Datasheet
362Kb / 3P
HEAT SINK
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com