Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFH77 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CFH77
Description  GaAs HEMT For low noise front end amplifiers up to 20 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH77 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CFH77 Datasheet HTML 1Page - Infineon Technologies AG CFH77 Datasheet HTML 2Page - Infineon Technologies AG CFH77 Datasheet HTML 3Page - Infineon Technologies AG CFH77 Datasheet HTML 4Page - Infineon Technologies AG CFH77 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CFH 77
Data Book
2
03.00
Electrical Characteristics
T
A = 25 °C, unless otherwise specified
Characteristics
Symbol
Limit Values
Unit
Test
Conditions
min.
typ.
max.
Drain-source saturation
current
I
DSS
15
30
60
mA
V
DS = 2 V
V
GS = 0 V
Pinch-off voltage
V
GS(P)
– 2
– 0.7
– 0.2
V
V
DS = 2 V
I
D = 1 mA
Gate leakage current
I
G
–0.05
2
µA
V
DS = 2 V
I
D = 15 mA
Transconductance
g
m
50
65
–
mS
V
DS = 2 V
I
D = 15 mA
Noise figure
F
–0.7
–
dB
V
DS = 2 V
I
D = 15 mA
f = 12 GHz
Associated gain
G
a
–
10.5
–
dB
V
DS = 2 V
I
D = 15 mA
f = 12 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com