Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CPLB Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWSCR-CPLB
Description  Miniature Ceramic Resonator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CPLB Datasheet(HTML) 2 Page - Abracon Corporation

  AWSCR-CPLB Datasheet HTML 1Page - Abracon Corporation AWSCR-CPLB Datasheet HTML 2Page - Abracon Corporation AWSCR-CPLB Datasheet HTML 3Page - Abracon Corporation AWSCR-CPLB Datasheet HTML 4Page - Abracon Corporation AWSCR-CPLB Datasheet HTML 5Page - Abracon Corporation AWSCR-CPLB Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 04-19-19
Miniature Ceramic Resonator
6.0 x 3.0 x 1.8 mm
RoHS/RoHS II Compliant
Pb in ceramic, exemption (7c-I)
This product is not Moisture Sensitive - MSL = 1
AWSCR-CPLB
Test Circuit and Conditions
Parts shall be tested under the condition (Temp.: 20 ºC ± 15 ºC, Humidity: 65 ± 20% R.H.) unless the standard condition
(Temp.: 25 ºC ± 3 ºC, Humidity: 65 ± 10% R.H.) is regulated to measure.
Options and Part Identification
Frequency (MHz)
1.84 - 12.00
Size (mm)
CP = 6.0 x 3.0
Frequency Band
L = Lower Band
AWSCR
.
CPLB
C 
Operating Temperature
B = -40 ºC to 125 ºC
Built-in Cap
C = XXpF *
Packaging
T4 =
4000 pcs/reel
 
* Please refer to Electrial
Specifactions table



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com