Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS19 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS19
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS19 Datasheet(HTML) 1 Page - IXYS Corporation

  CS19 Datasheet HTML 1Page - IXYS Corporation CS19 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
IXYS reserves the right to change limits, conditions and dimensions.
Phase Control Thyristor
ISOPLUS220TM
Electrically Isolated Back Surface
* Patent pending
ISOPLUS220TM
3
2
Isolated back surface *
1
A
C
G
CS 19
V
RRM
= 800 - 1200 V
I
T(RMS)
= 35 A
I
T(AV)M
= 13 A
ADVANCE TECHNICAL INFORMATION
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
CS 19-08ho1C
1200
1200
CS 19-12ho1C
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ = TVJM
35
A
I
T(AV)M
T
C = 85°C; 180° sine
13
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
100
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
105
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
85
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
90
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
50
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
45
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
36
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
33
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 20 A
100
A/
µs
f = 50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G =0.08 A
non repetitive, I
T = IT(AV)M
500
A/
µs
di
G/dt = 0.08 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
500
V/
µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
µs5
W
I
T = IT(AV)M
t
P =
300
µs
2.5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz RMS; I
ISOL ≤ 1 mA
2500
V~
T
L
1.6mm from case; 10s
260
°C
F
C
Mounting force
11...65 / 2.4...11
N / lb
Weight
2g
Features
Features
l
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
l
Low cathode-to-tab capacitance (15pF
typical)
l
Planar passivated chips
l
Epoxy meets UL 94V-0
l
High performance glass
passivated chip
l
Long-term stability of leakage
current and blocking voltage
Applications
l
Motor control
l
Power converter
l
AC power controller
l
Light and temperature control
l
SCR for inrush current limiting
in power supplies or AC drive
Advantages
l
Space and weight savings
l
Simple mounting
98789 (5/01)


Similar Part No. - CS19

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS19-08HO1 IXYS-CS19-08HO1 Datasheet
66Kb / 2P
Phase Control Thyristors
CS19-08HO1 IXYS-CS19-08HO1 Datasheet
169Kb / 5P
High Efficiency Thyristor
CS19-08HO1S IXYS-CS19-08HO1S Datasheet
66Kb / 2P
Phase Control Thyristors
CS19-08HO1S IXYS-CS19-08HO1S Datasheet
168Kb / 5P
High Efficiency Thyristor
CS19-12HO1 IXYS-CS19-12HO1 Datasheet
66Kb / 2P
Phase Control Thyristors
More results

Similar Description - CS19

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com