Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5954AL Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP5954AL
Description  4-CH MOTOR DRIVE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP5954AL Datasheet(HTML) 5 Page - Interpion semiconductor

  IP5954AL Datasheet HTML 1Page - Interpion semiconductor IP5954AL Datasheet HTML 2Page - Interpion semiconductor IP5954AL Datasheet HTML 3Page - Interpion semiconductor IP5954AL Datasheet HTML 4Page - Interpion semiconductor IP5954AL Datasheet HTML 5Page - Interpion semiconductor IP5954AL Datasheet HTML 6Page - Interpion semiconductor IP5954AL Datasheet HTML 7Page - Interpion semiconductor IP5954AL Datasheet HTML 8Page - Interpion semiconductor IP5954AL Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Oct. 2004 (Rev. 1)
- 5 -
IP5954A
4-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS (Continued)
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
[ SLED DRIVE INPUT OPAMP PART ]
Common mode input range
Vicm
Vbias=4.0V
-0.3
-
7.0
V
Input bias current
Ib
-
30
300
nA
Low level output voltage
Vol
-
0.1
0.3
V
Output source current
Isrc
-
0.2
0.5
-
mA
Output sink current
Isnk
-
1
-
-
mA
[ SLED DRIVE PART ]
Output offset voltage
Voos
Vin=Vref
-100
-
+100
mV
Maximum output voltage
Voms
SVCC=8.0V,PVCC1=PVC
C2=5V, RL=12ohm
-
6.0
-
V
Closed-loop voltage gain
Avfs
Vin=0.1Vrms, f=1kHz
18
20
22
dB
Slew rate
SRs
Vout = 4.0Vpp, Square
-
1.5
-
V/usec
Ripple rejection ratio
RRs
Vin=0.1Vrms, f=120Hz
50
60
-
dB
(SVCC=8.0V,PVCC1=PVCC2=5V, f = 1kHz, RL=12ohm, Rs=0.5ohm, Ta = 25
OC unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com