Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5954AB-TF Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP5954AB-TF
Description  4-CH MOTOR DRIVE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP5954AB-TF Datasheet(HTML) 4 Page - Interpion semiconductor

  IP5954AB-TF Datasheet HTML 1Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 2Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 3Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 4Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 5Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 6Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 7Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 8Page - Interpion semiconductor IP5954AB-TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Oct. 2004 (Rev. 1)
- 4 -
IP5954A
4-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
Icc
No Load
-
14
-
mA
Power save on current
Ips
Pin28=GND
-
-
1
mA
Power save on voltage
Vmon
Pin28=variation
-
-
0.5
V
Power save off voltage
Vmoff
Pin28=variation
2.0
-
-
V
Reference mute on voltage
Vrmon
Pin27=variation
-
-
0.7
V
Reference mute off voltage
Vrmoff
Pin27=variation
1.3
-
-
V
[ ACTUATOR DRIVE PART ]
Output offset current
Iooa
Pin1=Pin9=Pin22=Vref
-15
0
15
mA
Maximum output voltage
Voma
-
3.6
4.0
-
V
Transmission gain 45
Gma
Vin=0.1Vrms, f=1kHz
-
1.5
-
A/V
[ LOADING DRIVE PART ]
Output offset voltage
Vool
Vin=Vref
-80
-
+80
mV
Maximum output voltage
Voml
-
3.6
4.0
-
V
Closed-loop voltage gain
Avfl
Vin=0.1Vrms, f=1kHz
13.5
15.5
17.5
dB
Slew rate
SRl
Vout = 4.0Vpp, Square
-
1.5
-
V/usec
Ripple rejection ratio
RRl
Vin=0.1Vrms, f=120Hz
50
60
-
dB
(SVCC=8.0V,PVCC1=PVCC2=5V, f = 1kHz, RL=12ohm, Rs=0.5ohm, Ta = 25
OC unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com