Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW511AM55MC1T Datasheet(PDF) 20 Page - STMicroelectronics

Part # M68AW511AM55MC1T
Description  4 Mbit (512K x8) 3.0V Asynchronous SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW511AM55MC1T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M68AW511AM55MC1T Datasheet HTML 13Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 14Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 15Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 16Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 17Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 18Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 19Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 20Page - STMicroelectronics M68AW511AM55MC1T Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
M68AW511A
20/21
REVISION HISTORY
Table 13. Document Revision History
Date
Version
Revision Details
August 2001
1.0
First Issue.
27-Sep-2001
2.0
55ns speed class replaces 70ns.
27-Feb-2002
3.0
From Preliminary Data to Data Sheet.
70ns speed class added.
Temperature Range 1 (0 to 70°C) added.
Block Diagram clarified (Figure 4).
Operating and AC Measurement Conditions table clarified (Table 4).
AC Measurement Load Circuit clarified (Figure 6).
DC Characteristics table clarified (Table 6).
Write, Read and Standby Mode AC Characteristics tables clarified (Table 8 and 7).
Chip Enable Controlled, Write AC Waveforms clarified (Figure 11).
Low VCC Data Retention AC Waveforms and Characteristics clarified (Figure 12 and
Table 9).
01-Mar-2002
4.0
SO32 package added.
25-Mar-2002
5.0
Read and Standby Mode AC Characteristics table clarified (Table 7).
Low VCC Data Retention AC Waveforms and Characteristics clarified (Figure 12 and
Table 9).
26-Apr-2002
6.0
DC Characteristics Table clarified (Table 6).
Write Mode AC Characteristics Table clarified (Table 8).
17-Jun-2002
6.1
Minor changes.
09-Sep-2002
6.2
Load Capacitance (CL) changed from 100pF to 30pF (Table 4).
02-Oct-2002
6.3
New part number added.
09-Oct-2002
6.4
Commercial code modified.
12-Jun-2003
6.5
Correction to wording in Operating Modes table.
24-Sep-2004
7.0
Document structure modified:
–
Chapter OPERATION moved before chapter MAXIMUM RATING.
–
AC Characteristics Tables and waveforms moved to the DC/AC PARAMETERS
section.
tPU ad tPD updated in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com