Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX21N100Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX21N100Q
Description  HiPerFET Power MOSFETs Q-CLASS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX21N100Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX21N100Q Datasheet HTML 1Page - IXYS Corporation IXFX21N100Q Datasheet HTML 2Page - IXYS Corporation IXFX21N100Q Datasheet HTML 3Page - IXYS Corporation IXFX21N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXFK 21N100Q
IXFX 21N100Q
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
Gate Charge - nC
0
25
50
75
100
125
150
175
0.0
2.5
5.0
7.5
10.0
VDS = 500 V
ID = 10.5 A
IG = 10 mA
TJ = 125oC
TJ = 25oC
0.300
V
DS - Volts
0
5
10
15
20
25
30
35
40
50
250
500
2500
5000
100
1000
10000
f = 1MHz
Single Pulse
Ciss
Coss
Crss
Fig. 9. Source Current vs. Source to Drain Voltage
Fig. 7. Gate Charge Characteristic Curve
Fig. 8. Capacitance Curves
Fig. 10. Thermal Impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com