Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61533FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61533FP
Description  4ch Electronic Volume with AGC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61533FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61533FP Datasheet HTML 1Page - Renesas Technology Corp M61533FP Datasheet HTML 2Page - Renesas Technology Corp M61533FP Datasheet HTML 3Page - Renesas Technology Corp M61533FP Datasheet HTML 4Page - Renesas Technology Corp M61533FP Datasheet HTML 5Page - Renesas Technology Corp M61533FP Datasheet HTML 6Page - Renesas Technology Corp M61533FP Datasheet HTML 7Page - Renesas Technology Corp M61533FP Datasheet HTML 8Page - Renesas Technology Corp M61533FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M61533FP
Rev.1.0, Sep.19.2003, page 2 of 12
Block Diagram and Pin Configuration (Top view)
20
19
18
17
16
15
14
13
1
2
4
3
5
7
8
9
10
SLIN
N.C.
N.C.
SRIN
SWIN
VCC
DATA
CLOCK
N.C.
REFOUT
REFIN
SLOUT
SROUT
COUT
12
11
GND
SWLPF1
AGC
6
CIN
SWOUT
SWLPF2
0 to -87dB,-
∞
AGC
MCU I/F
SW Output
Gain Control
0,+6,+9,+12dB
SLch Volume
SRch Volume
Cch Volume
SWch Volume
40k
40k
40k
40k
VREF amp
LPF amp
0 to -87dB,-
∞
0 to -87dB,-
∞
0 to -87dB,-
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com