Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA310 Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments OPA310 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
8 Detailed Description
8.1 Overview
The OPAx310 family of op amps includes single (OPA310), dual (OPA2310), and quad-channel (OPA4310),
ultra-low-voltage (1.5 V to 5.5 V), high output current operational amplifiers (op amps) with rail-to-rail input and
output swing capabilities. The OPAx310 also features a very fast shutdown response and has an enable time
specification of just 0.9-µs typical. This feature allows for power savings when the application involves duty
cycling the amplifier signal chain. OPAx310 has robust ESD performance with fail safe input ESD structure
where there are no diodes connected from inputs to the positive power supply rail.
OPAx310 is offered in power pad, standard, small size packages and has an internal current limit, thermal
shutdown protection that enables additional robustness when operating with high output current. OPAx310 can
swing very close to the rails and has a short circuit current of ±75-mA minimum across temperature at 5.5-V
power supply while consuming just 165 μA of quiescent current. This combination of low voltage, low IQ, and
high output current capability makes this device quite unique and an excellent choice for a wide range of
general-purpose and high current applications. Additional output current capability can be easily achieved by
connecting multiple op amps in parallel. These devices are excellent choice for LED driver, LCD driver, Laser
driver, TEC driver applications and can also be used as a reference buffer, guard amplifier or as a discrete LDO.
The input common-mode voltage range includes both rails, and allows the OPAx310 series to be used in many
single-supply or dual supply configurations. Rail-to-rail input and output swing significantly increases dynamic
range, especially in low-supply applications, and makes these devices an excellent choice for driving low speed
sampling analog-to-digital converters (ADCs). Further, the class AB output stage is capable of driving smaller
resistive loads connected to any point between V+ and ground.
The OPAx310 can drive up to 75 pF with a typical phase margin of 40° and features 3 MHz gain bandwidth
product, 3 V/μs slew rate with 4 μVp-p integrated noise (0.1 Hz to 10 Hz) while consuming only 165 μA supply
current per channel, thus providing a good AC performance at a very low power consumption. DC applications
are also well served with a low input bias current (1 pA typical), a good input offset voltage (0.25 mV typical) and
a good PSRR (10 μV/V typical), CMRR (80 dB typical), and AOL (125 dB typical).
The robust design of the OPAx310 family simplifies circuit design. These op amps feature an integrated radio
frequency immunity (RFI) and electro-magnetic interfernce (EMI) rejection filter, unity-gain stability, and no-phase
reversal in input overdrive conditions.
8.2 Functional Block Diagram
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
OPA310, OPA2310, OPA4310
SBOSAA1E – APRIL 2022 – REVISED DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com