Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2901 Datasheet HTML 15Page - Texas Instruments LM2901 Datasheet HTML 16Page - Texas Instruments LM2901 Datasheet HTML 17Page - Texas Instruments LM2901 Datasheet HTML 18Page - Texas Instruments LM2901 Datasheet HTML 19Page - Texas Instruments LM2901 Datasheet HTML 20Page - Texas Instruments LM2901 Datasheet HTML 21Page - Texas Instruments LM2901 Datasheet HTML 22Page - Texas Instruments LM2901 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
b. If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN- is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN- is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current. The "B" version output will go high.
8.2.2.2 Minimum Overdrive Voltage
The overdrive voltage is the differential voltage produced between the positive and negative inputs of the
comparator over the offset voltage (VIO). To make an accurate comparison the overdrive voltage (VOD) must
be higher than the input offset voltage (VIO). The overdrive voltage can also determine the response time of
the comparator, with the response time decreasing as the overdrive increases. Figure 8-2 and Figure 8-3 show
positive and negative response times with respect to overdrive voltage.
8.2.2.3 Output and Drive Current
Output current is determined by the load/pull-up resistance and logic/pull-up voltage. The output current will
produce an output low voltage (VOL) which is proportional to the output current. Use Figure 6-19, Figure 6-20,
and Figure 6-21 to determine VOL based on the output current.
The output current can also effect the transient response. More will be explained in the next section.
8.2.2.4 Response Time
The transient response can be determined by the load capacitance (CL), load or pullup resistance (RPULLUP), and
equivalent collector-emitter resistance (RCE).
Use Equation 1 and Equation 2 to calculate the approximate values of the rise time (tr) and fall time (tf).
tP ≈ RPULLUP × CL
(1)
tN ≈ RCE × CL
(2)
To find the value of RCE, use the slope of Figure 6-35 in the linear region at the desired temperature, or divide
VOL by IO.
8.2.3 Application Curves
The following curves were generated with 5 V on VCC and VLOGIC, RPULLUP = 5.1 kΩ, and 50-pF scope probe.
±1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
Time (us)
5mV OD
20mV OD
100mV OD
C001
Figure 8-2. Response Time for Various Overdrives
Negative Transition
±1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
Time (us)
5mV OD
20mV OD
100mV OD
C001
Figure 8-3. Response Time for Various Overdrives
Positive Transition
www.ti.com
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com