Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM317
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM317 Datasheet HTML 6Page - STMicroelectronics LM317 Datasheet HTML 7Page - STMicroelectronics LM317 Datasheet HTML 8Page - STMicroelectronics LM317 Datasheet HTML 9Page - STMicroelectronics LM317 Datasheet HTML 10Page - STMicroelectronics LM317 Datasheet HTML 11Page - STMicroelectronics LM317 Datasheet HTML 12Page - STMicroelectronics LM317 Datasheet HTML 13Page - STMicroelectronics LM317 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
6
Application information
The LM217, LM317 provides an internal reference voltage of 1.25 V between the output and adjustments
terminals. This is used to set a constant current flow across an external resistor divider (see Figure 6. Basic
adjustable regulator), giving an output voltage VO of:
VO = VREF (1 + R2/R1) + IADJ R2
The device was designed to minimize the term IADJ (100 µA max) and to maintain it very constant with line and
load changes. Usually, the error term IADJ × R2 can be neglected. To obtain the previous requirement, all the
regulator quiescent current is returned to the output terminal, imposing a minimum load current condition. If the
load is insufficient, the output voltage will rise. Since the LM217, LM317 is a floating regulator and "sees" only the
input-to- output differential voltage, supplies of very high voltage with respect to ground can be regulated as long
as the maximum input-to-output differential is not exceeded. Furthermore, programmable regulators are easily
obtainable and, by connecting a fixed resistor between the adjustment and output, the device can be used as a
precision current regulator. In order to optimize the load regulation, the current set resistor R1 (see Figure 6. Basic
adjustable regulator) should be tied as close as possible to the regulator, while the ground terminal of R2 should
be near the ground of the load to provide remote ground sensing. Performance may be improved with added
capacitance as follow:
•
An input bypass capacitor of 0.1 µF
•
An adjustment terminal to ground 10 µF capacitor to improve the ripple rejection of about 15 dB (CADJ).
•
An 1 µF tantalum (or 25 µF Aluminium electrolytic) capacitor on the output to improve transient response.
In addition to external capacitors, it is good practice to add protection diodes, as shown in figure below D1
protect the device against input short circuit, while D2 protect against output short circuit for capacitance
discharging.
Figure 7. Voltage regulator with protection diodes
Input
Output
Adjust
Note:
D1 protect the device against input short circuit, while D2 protects against output short circuit for capacitors
discharging.
LM217, LM317
Application information
DS0433 - Rev 22
page 10/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com