Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSO
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSO Datasheet HTML 1Page - STMicroelectronics LSM6DSO Datasheet HTML 2Page - STMicroelectronics LSM6DSO Datasheet HTML 3Page - STMicroelectronics LSM6DSO Datasheet HTML 4Page - STMicroelectronics LSM6DSO Datasheet HTML 5Page - STMicroelectronics LSM6DSO Datasheet HTML 6Page - STMicroelectronics LSM6DSO Datasheet HTML 7Page - STMicroelectronics LSM6DSO Datasheet HTML 8Page - STMicroelectronics LSM6DSO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 172 page
background image
2
Embedded low-power features
The LSM6DSO has been designed to be fully compliant with Android, featuring the following on-chip functions:
•
9 kybtes data buffering, data can be compressed two or three times
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
•
Event-detection interrupts (fully configurable)
–
Free-fall
–
Wakeup
–
6D orientation
–
Click and double-click sensing
–
Activity/Inactivity recognition
–
Stationary/Motion detection
•
Specific IP blocks with negligible power consumption and high-performance
–
Pedometer functions: step detector and step counters
–
Tilt
–
Significant Motion Detection
–
Finite State Machine (FSM) for accelerometer, gyroscope, and external sensors
•
Sensor hub
–
Up to 6 total sensors: 2 internal (accelerometer and gyroscope) and 4 external sensors
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware using only the
accelerometer to achieve targets of both ultra-low power consumption and robustness during the short duration of
dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can be used with
different scenarios, for example:
1.
Triggers when phone is in a front pants pocket and the user goes from sitting to standing or standing to
sitting;
2.
Doesn’t trigger when phone is in a front pants pocket and the user is walking, running or going upstairs.
2.2
Significant Motion Detection
The Significant Motion Detection (SMD) function generates an interrupt when a ‘significant motion’, that could be
due to a change in user location, is detected. In the LSM6DSO device this function has been implemented in
hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a notification indicating when the
user is changing location.
2.3
Finite State Machine
The LSM6DSO can be configured to generate interrupt signals activated by user-defined motion patterns. To do
this, up to 16 embedded finite state machines can be programmed independently for motion detection such as
glance gestures, absolute wrist tilt, shake and double-shake detection.
Definition of Finite State Machine
A state machine is a mathematical abstraction used to design logic connections. It is a behavioral model
composed of a finite number of states and transitions between states, similar to a flow chart in which one can
inspect the way logic runs when certain conditions are met. The state machine begins with a start state, goes to
different states through transitions dependent on the inputs, and can finally end in a specific state (called stop
state). The current state is determined by the past states of the system. Figure 1. Generic state machine shows a
generic state machine.
LSM6DSO
Embedded low-power features
DS12140 - Rev 2
page 4/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com