Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317T Datasheet(PDF) 33 Page - STMicroelectronics

Part # LM317T
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LM317T Datasheet HTML 26Page - STMicroelectronics LM317T Datasheet HTML 27Page - STMicroelectronics LM317T Datasheet HTML 28Page - STMicroelectronics LM317T Datasheet HTML 29Page - STMicroelectronics LM317T Datasheet HTML 30Page - STMicroelectronics LM317T Datasheet HTML 31Page - STMicroelectronics LM317T Datasheet HTML 32Page - STMicroelectronics LM317T Datasheet HTML 33Page - STMicroelectronics LM317T Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Schematic diagram ................................................................. 4
Figure 3.
Output current vs. input-output differential voltage ............................................ 8
Figure 4.
Dropout voltage vs. junction temperature .................................................. 8
Figure 5.
Reference voltage vs. junction ......................................................... 8
Figure 6.
Basic adjustable regulator ............................................................ 9
Figure 7.
Voltage regulator with protection diodes .................................................. 10
Figure 8.
Slow turn-on 15 V regulator .......................................................... 11
Figure 9.
Current regulator ................................................................. 11
Figure 10.
5 V electronic shut-down regulator ..................................................... 11
Figure 11.
Digitally selected outputs ............................................................ 12
Figure 12.
Battery charger (12 V) .............................................................. 12
Figure 13.
Current limited 6 V charger........................................................... 12
Figure 14.
TO-220 (single gauge) package outline .................................................. 14
Figure 15.
TO-220 (dual gauge) package outline ................................................... 16
Figure 16.
TO-220FP package outline........................................................... 18
Figure 17.
D²PAK (SMD 2L STD-ST) type A package outline ........................................... 20
Figure 18.
D²PAK (ASE subcon) type B package outline .............................................. 22
Figure 19.
D²PAK recommended footprint (dimensions are in mm) ....................................... 24
Figure 20.
D²PAK tape outline ................................................................ 25
Figure 21.
Reel for D²PAK ................................................................... 25
Figure 22.
SOT223 package outline ............................................................ 27
Figure 23.
Tape for SOT223 (dimensions are in mm) ................................................ 28
Figure 24.
Reel for SOT223 (dimensions are in mm)................................................. 29
Figure 25.
SOT223 reel oriented .............................................................. 29
LM217, LM317
List of figures
DS0433 - Rev 22
page 33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com