Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-DF Datasheet(PDF) 42 Page - STMicroelectronics

Part # M24512-DF
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M24512-DF Datasheet HTML 38Page - STMicroelectronics M24512-DF Datasheet HTML 39Page - STMicroelectronics M24512-DF Datasheet HTML 40Page - STMicroelectronics M24512-DF Datasheet HTML 41Page - STMicroelectronics M24512-DF Datasheet HTML 42Page - STMicroelectronics M24512-DF Datasheet HTML 43Page - STMicroelectronics M24512-DF Datasheet HTML 44Page - STMicroelectronics M24512-DF Datasheet HTML 45Page - STMicroelectronics M24512-DF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Date
Revision
Changes
16-Feb-2015
27
Removed:
•
Note on Figure 3
•
Note 2 on Table 3
Updated:
•
Note 1 on Table 12 and Table 13
•
Table 18
•
Figure 11
•
Table 20
•
Titles on Figure and Table 21
•
Table 24
•
Note 1 on Table 21
Added:
•
Note 2 on Table 12
•
Note 4 and 5 on Table 14
•
Note 6, 7 and 8 on Table 15
•
Note 6, 7 on Table 16
•
Note 8 on Table 17
•
Figure 20
•
Reference to Engineering sample after Ordering information scheme
27-May-2015
28
Added:
•
Unsawn wafer reference on cover page and Table 25: Ordering information
scheme (unsawn wafer)
•
Note 1 on Table 12
•
Removed ordering type M24512-DRxxxx from the whole document (device
replaced by either M24512-Rxxx or M24512-DFxxx)
22-Mar-2018
29
Added:
•
WLCSP8 ultra thin package in cover page
•
Section 9.5: WLCSP8 ultra thin package information
•
Table 3: Device select code
Updated:
•
Figure 3: WLCSP connections
•
Table 10: AC measurement conditions
•
Table 24: Ordering information scheme
21-Sep-2018
30
Updated:
•
Figure 19: WLCSP - 8 bumps, 1.271 x 1.937 mm, 0.5 mm pitch wafer level
chip scale package outline
•
Figure 21: WLCSP - 8 balls, 1.289x1.955 mm, 1 mm pitch, wafer level chip
scale package outline
06-Oct-2020
31
Updated:
•
Features
•
Figure 5. Block diagram
Added:
•
Figure 16. UFDFPN8 - Recommended footprint
•
Figure 18. TSSOP8 – Recommended footprint
Removed note in:
•
Table 6. Absolute maximum ratings, Table 7. Operating conditions (voltage
range W), Table 8. Operating conditions (voltage range R), Table 9. Operating
conditions (voltage range F),Table 12. Cycling performance by groups of four
bytes, Table 13. Memory cell data retention, Table 14. DC characteristics
(M24512-W, device grade 6), Table 15. DC characteristics (M24512-R device
grade 6), Table 16. DC characteristics (M24512-DF, device grade 6),
Table 18. 1 MHz AC characteristics
M24512-W M24512-R M24512-DF
DS6520 - Rev 31
page 42/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com