Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-R Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24C02-R
Description  1-Kbit and 2-Kbit serial I²C bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-R Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24C02-R Datasheet HTML 31Page - STMicroelectronics M24C02-R Datasheet HTML 32Page - STMicroelectronics M24C02-R Datasheet HTML 33Page - STMicroelectronics M24C02-R Datasheet HTML 34Page - STMicroelectronics M24C02-R Datasheet HTML 35Page - STMicroelectronics M24C02-R Datasheet HTML 36Page - STMicroelectronics M24C02-R Datasheet HTML 37Page - STMicroelectronics M24C02-R Datasheet HTML 38Page - STMicroelectronics M24C02-R Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Revision history
Table 22. Document revision history
Date
Revision
Changes
17-Dec-2012
1
New M24C01/02 datasheet resulting from splitting the previous datasheet M24C08-x
M24C04-x M24C02-x M24C01-x (revision 18) into separate datasheets.
Added part number M24C02-F. Updated ESD value in Table 4.
Updated standby supply current values (ICCI) in Table 12, Table 13
and Table 14.
24-Sep-2013
2
Added:
•
Table10: Cycling performance
•
Table7:Operatingconditions (voltage range F) and Table7:Operating
conditions(voltagerange F, for all other devices)
Updated:
•
Features: supply voltage, write cycles and data retention
•
Section1: Description
•
Note (1)under Table4:Absolutemaximum ratings
•
Table11: Memory celldata retention, Table12:DC characteristics (M24C01/02-W,
devicegrade 6), Table 13: DC characteristics (M24C01/02-R device grade 6), Table
14: DC characteristics (M24C02-F, device grade 6), Table 21: Ordering information
scheme
•
Figure11: AC waveforms
Renamed Figure 15and Table21.
06-Dec-2016
3
Updated: Section 1: Description, noteson Table 4: Absolute maximum ratings, title of Table
7: Operating conditions (voltage range F), note 1 on Table 11: Memory cell data retention,
Table 12: DC characteristics (M24C01/02-W, device grade 6), Table 13: DC characteristics
(M24C01/02-R device grade 6), Table 14: DC characteristics (M24C02-F, device grade 6),
Table 21: Ordering information scheme
Removed Table7:Operatingconditions(voltage rangeF.forallotherdevices)
Added Figure 14: SO8N – 3.9x4.9 mm, 8-lead plastic small outline, 150 mils body width,
package recommended footprint, Engineering samples reference
05-Apr-2017
4
Updated Section2.3:Chip Enable (E2,E1, E0), Section 4.5:Deviceaddressing, Section5.2.3:
SequentialRead, Table22: Ordering informationscheme
Added UFDFPN5 package in cover page and Section9.1:UFDFPN5(DFN5)package
information
20-Apr-2017
5
Updated:
•
Figure14:UFDFPN5 -5-lead, 1.7 × 1.4 mm, 0.55 mm thickness, ultra thin fine
pitchdual flat package, no lead recommended footprint and Figure20:UFDFPN8-8-
lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile fine pitch dual flat recommended
footprint
•
Note onSection 5.2.3: Sequential Read
02-Oct-2017
6
Added reference to DFN8 and DFN5 in:
Figure3: UFDFPN5(DFN5) package connections, Section 9.1:UFDFPN5(DFN5)
package information, Section9.5:UFDFPN8 (DFN8) package information,
Table22:Orderinginformationscheme
M24C01/02-W M24C01/02-R M24C02-F
DS9398 - Rev 7
page 35/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com