Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C02-F
Description  1-Kbit and 2-Kbit serial I²C bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-F Datasheet(HTML) 1 Page - STMicroelectronics

  M24C02-F Datasheet HTML 1Page - STMicroelectronics M24C02-F Datasheet HTML 2Page - STMicroelectronics M24C02-F Datasheet HTML 3Page - STMicroelectronics M24C02-F Datasheet HTML 4Page - STMicroelectronics M24C02-F Datasheet HTML 5Page - STMicroelectronics M24C02-F Datasheet HTML 6Page - STMicroelectronics M24C02-F Datasheet HTML 7Page - STMicroelectronics M24C02-F Datasheet HTML 8Page - STMicroelectronics M24C02-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Features
•
Compatible with following I2C bus modes:
–
400 kHz
–
100 kHz
•
Memory array:
–
1 Kbit (128 byte) of EEPROM
–
2 Kbit (256 byte) of EEPROM
–
Page size: 16 byte
•
Single supply voltage:
–
M24C01/02-W: 2.5 V to 5.5 V
–
M24C01/02-R: 1.8 V to 5.5 V
–
M24C02-F:
1.7 V to 5.5 V
1.6 V to 5.5 V (under temperature constraint)
•
Write:
–
Byte write within 5 ms
–
Page write within 5 ms
•
Operating temperature range:
–
from -40 °C up to +85 °C
•
Random and sequential read modes
•
Write protect of the whole memory array
•
Enhanced ESD/latch-Up protection
•
More than 4 million write cycles
•
More than 200-years data retention
Packages
Packages RoHS-compliant and Halogen-free
•
SO8N (ECOPACK2)
•
TSSOP8 (ECOPACK2)
•
UFDFPN8 (ECOPACK2)
•
UFDFPN5 (ECOPACK2)
TSSOP8 (DW)
169 mil width
SO8N (MN)
150 mil width
UFDFPN8 (MC)
DFN8 - 2 x 3 mm
UFDFPN5 (MH)
DFN5 - 1.7 x 1.4 mm
Product status link
M24C01-W
M24C02-W
M24C01-R
M24C02-R
M24C02-F
1-Kbit and 2-Kbit serial I²C bus EEPROMs
M24C01/02-W M24C01/02-R M24C02-F
Datasheet
DS9398 - Rev 7 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24C02-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C02-FBN3TP/S STMICROELECTRONICS-M24C02-FBN3TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C02-FBN5TP/S STMICROELECTRONICS-M24C02-FBN5TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C02-FBN6TP/S STMICROELECTRONICS-M24C02-FBN6TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C02-FCS3TP/S STMICROELECTRONICS-M24C02-FCS3TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C02-FCS5TP/S STMICROELECTRONICS-M24C02-FCS5TP/S Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
More results

Similar Description - M24C02-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I²C bus EEPROM
27-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C08 STMICROELECTRONICS-M24C08 Datasheet
581Kb / 34P
1-Kbit and 2-Kbit serial IC bus EEPROMs
24-Sep-2013
M95020-A125 STMICROELECTRONICS-M95020-A125 Datasheet
761Kb / 41P
Automotive 2-Kbit serial SPI bus EEPROMs
18-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com