Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-R Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95128-R
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-R Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95128-R Datasheet HTML 38Page - STMicroelectronics M95128-R Datasheet HTML 39Page - STMicroelectronics M95128-R Datasheet HTML 40Page - STMicroelectronics M95128-R Datasheet HTML 41Page - STMicroelectronics M95128-R Datasheet HTML 42Page - STMicroelectronics M95128-R Datasheet HTML 43Page - STMicroelectronics M95128-R Datasheet HTML 44Page - STMicroelectronics M95128-R Datasheet HTML 45Page - STMicroelectronics M95128-R Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Revision history
Table 27. Document revision history
Date
Revision
Changes
17-Feb-2009
11
Section 3.8: Supply voltage (VCC) and Section 5.4: Write Status Register (WRSR) updated.
Note added to Section 5.6: Write to Memory Array (WRITE).
ICC modified in Table 12: DC characteristics (M95128, device grade 3).
VRES added to DC characteristics tables 12, 20, 14 and 23.
Note added to Table 36: AC characteristics (M95080-R, M95080-DR device grade 6).
Note added below Figure 20: UFDFPN8, 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, outline.
Small text changes.
12-Jan-2010
12
Section 5.6.1: ECC (error correction code) and write cycling modified (applies to all devices).
TLEAD, IOL and IOH added to Table 6: Absolute maximum ratings.
Note added to Table 23: DC characteristics (current and new M95080-R and M95080-DR products).
Process modified in Table 45: Ordering information scheme.
All packages are ECOPACK2 compliant.
02-Mar-2010
13
Section 5.6.1: ECC (error correction code) and write cycling and Table 24: Available M95128x products (package,
voltage range, temperature grade) updated.
03
‑Jan-2012
14
Updated UFDFPN8 package data.
06
‑Aug‑2012
15
Datasheet revision 14 split into:
- M95128-125 datasheet for automotive products (range 3),
- M95128-W M95128-R M95128-DF (this datasheet) for standard products (range 6).
Updated:
– Cycling: 4 million cycles
– Data retention: 200 years
– Max clock frequency: 5 MHz@1.7 V, 10 MHz@2.5 V, 20 MHz@4.5 V.
Added:
– Identification page (for M95128-D devices)
– 1.7 V/5.5 V range (F suffix)
19
‑Dec‑2012
16
- Added “Additional Write lockable page (Identification page)” and replaced “(ECOPACK®)” with “(ECOPACK2®)” in
Features.
– Updated Table 2: Write-protected block size.
– Updated Section 7.2: Initial delivery state.
– Replaced Figure 38 and Table 54 (UFDFPN8 package).
– Added Note (1) to Table 25: Ordering information scheme.
20
‑May‑2015
17
Replaced “ball” by “bump” in the entire document.
Updated Features and WLCSP package figure on cover page.
Updated Figure 3: WLCSP connections (top view, marking side, with bumps on the underside) and Figure 4: Block
diagram.
Removed Caution note on UV exposure in Section 1: Description.
Updated Section 5.1.3: Power-up conditions, Section 5.3: Hold condition and tables in Section 6: Instructions.
Updated Table 7: Absolute maximum ratings and its footnotes.
Updated Table 15: DC characteristics (M95128-W, device grade 6).
Updated Section 10: Package information with changes in each of Sections 10.1: SO8N package information, 10.2:
TSSOP8 package information, 10.3: UFDFN8 package information and Section 10.4: WLCSP package information.
M95128-W M95128-R M95128-DF
DS1356 - Rev 20
page 42/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com