Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962EIJT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4962EIJT
Description  3W Filter-free Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962EIJT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4962EIJT Datasheet HTML 14Page - STMicroelectronics TS4962EIJT Datasheet HTML 15Page - STMicroelectronics TS4962EIJT Datasheet HTML 16Page - STMicroelectronics TS4962EIJT Datasheet HTML 17Page - STMicroelectronics TS4962EIJT Datasheet HTML 18Page - STMicroelectronics TS4962EIJT Datasheet HTML 19Page - STMicroelectronics TS4962EIJT Datasheet HTML 20Page - STMicroelectronics TS4962EIJT Datasheet HTML 21Page - STMicroelectronics TS4962EIJT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Package Mechanical Data
TS4962
21/22
4 Package Mechanical Data
4.1 Pin-out and markings for 9-bump flip-chip
4.2 Mechanical data for 9-bump flip-chip
Figure 61. Pin-out for
9-bump flip-chip (top view)
Figure 62. Marking for
9-bump flip-chip (top view)
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
■ Bumps are underneath
■ Bump diameter = 300µm
A62
YWW
E
A62
YWW
E
■
ST Logo
■
Part Number: A62
■
Three digits Datecode: YWW
■
E symbol for lead-free only
■
The dot is for marking pin A1
Marking: A62
■ Die size: 1.6mm x 1.6mm ±30µm
■ Die height (including bumps): 600µm
■ Bump diameter: 315µm ±50µm
■ Bump diameter before Reflew: 300µm ±10µm
■ Bump height: 250µm ±40µm
■ Die Height: 350µm ±20µm
■ Pitch: 500µm ±50µm
■ *Back Coating layer Height: 100µm ±10µm
■ Coplanarity: 60µm max
* Optional
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
600µm
100µm
600µm
100µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com