Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC356 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC356
Description  8-input multiplexer/register; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC356 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC356 Datasheet HTML 5Page - NXP Semiconductors 74HC356 Datasheet HTML 6Page - NXP Semiconductors 74HC356 Datasheet HTML 7Page - NXP Semiconductors 74HC356 Datasheet HTML 8Page - NXP Semiconductors 74HC356 Datasheet HTML 9Page - NXP Semiconductors 74HC356 Datasheet HTML 10Page - NXP Semiconductors 74HC356 Datasheet HTML 11Page - NXP Semiconductors 74HC356 Datasheet HTML 12Page - NXP Semiconductors 74HC356 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
December 1990
13
Philips Semiconductors
Product specification
8-input multiplexer/register; 3-state
74HC/HCT356
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.10 Waveforms showing the set-up and hold times for the data input (Dn) to the clock (CP).
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the 3-state enable and disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com