Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173CS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9173CS
Description  1.5A/3A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173CS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9173CS Datasheet HTML 2Page - Richtek Technology Corporation RT9173CS Datasheet HTML 3Page - Richtek Technology Corporation RT9173CS Datasheet HTML 4Page - Richtek Technology Corporation RT9173CS Datasheet HTML 5Page - Richtek Technology Corporation RT9173CS Datasheet HTML 6Page - Richtek Technology Corporation RT9173CS Datasheet HTML 7Page - Richtek Technology Corporation RT9173CS Datasheet HTML 8Page - Richtek Technology Corporation RT9173CS Datasheet HTML 9Page - Richtek Technology Corporation RT9173CS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9173/A
www.richtek-ic.com.tw
DS9173/A-06 March 2002
8
Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
D
9.652
10.668
0.380
0.420
B
1.143
1.676
0.045
0.066
E
8.128
9.652
0.320
0.380
A
4.064
4.826
0.160
0.190
C
1.143
1.397
0.045
0.055
U
6.223 Ref.
0.245 Ref.
V
7.620 Ref.
0.300 Ref.
L1
14.605
15.875
0.575
0.625
L2
2.286
2.794
0.090
0.110
b
0.660
0.914
0.026
0.036
b2
0.305
0.584
0.012
0.023
e
1.524
1.829
0.060
0.072
5-Lead TO-263 Plastic Surface Mount Package
e
MARK
b
L1
D
E
B
L2
C
A
b2
V
U



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com