Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT65GP60L2DF2 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT65GP60L2DF2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT65GP60L2DF2 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT65GP60L2DF2 Datasheet HTML 1Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 2Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 3Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 4Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 5Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 6Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 7Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 8Page - Advanced Power Technology APT65GP60L2DF2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APT65GP60L2DF2
T
J = 125°C, VGE = 10V or 15V
T
J = 25°C, VGE = 10V or 15V
VCE = 400V
RG = 5Ω
L = 100 µH
V
GE =15V,TJ=125°C
VGE= 15V
VGE= 10V
V
GE =10V,TJ=125°C
V
GE =10V,TJ=25°C
V
GE =15V,TJ=25°C
T
J = 25°C, VGE = 10V or 15V
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
R
G =5Ω, L = 100
µ
H, VCE = 400V
R
G =5Ω, L = 100
µ
H, VCE = 400V
VCE = 400V
L = 100 µH
RG = 5 Ω
T
J = 25 or 125°C,VGE = 15V
T
J = 25 or 125°C,VGE = 10V
VCE = 400V
VGE = +15V
RG = 5 Ω
VCE = 400V
VGE = +15V
T
J = 125°C
VCE = 400V
L = 100 µH
RG = 5 Ω
TJ =125°C, VGE=15V
T
J = 125°C, VGE = 10V or 15V
TJ =125°C,VGE=10V
TJ = 25°C, VGE=10V
TJ = 25°C, VGE=15V
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
60
50
40
30
20
10
0
160
140
120
100
80
60
40
20
0
6000
5500
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
160
140
120
100
80
60
40
20
0
140
120
100
80
60
40
20
0
5000
4000
3000
2000
1000
0
6000
5000
4000
3000
2000
1000
0
Eoff 130A
Eon2 130A
Eon2 32.5A
Eoff 65A
Eon2 65A
Eoff32.5A
Eon2 32.5A
Eoff 65A
Eon2 65A
Eon2 130A
Eoff 130A
Eoff 32.5A
VCE = 400V
TJ = 25°C or 125°C
RG = 5Ω
L = 100 µH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com