Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411FEUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG411FEUE
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FEUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG411FEUE Datasheet HTML 1Page - Maxim Integrated Products DG411FEUE Datasheet HTML 2Page - Maxim Integrated Products DG411FEUE Datasheet HTML 3Page - Maxim Integrated Products DG411FEUE Datasheet HTML 4Page - Maxim Integrated Products DG411FEUE Datasheet HTML 5Page - Maxim Integrated Products DG411FEUE Datasheet HTML 6Page - Maxim Integrated Products DG411FEUE Datasheet HTML 7Page - Maxim Integrated Products DG411FEUE Datasheet HTML 8Page - Maxim Integrated Products DG411FEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ...........................................................................-0.3V to +44V
V- ............................................................................-44V to +0.3V
V+ to V-...................................................................-0.3V to +44V
IN_ ......................................................... (V- - 0.3V) to (V- + 40V)
NO_, NC_ to COM_ (Note1) ................................... -40V to +40V
COM_, NO_, NC_ Voltage with
Power On (Note 1).............................................. -36V to +36V
COM_, NO_, NC_ Voltage with
Power Off (Note 1).............................................. -40V to +40V
Continuous Current (any terminal) ..................................
±30mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle) ...............................
±100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ....... 755mW
16-Pin SO (derate 8.7mW/°C above +70°C)................696mW
16-Pin Plastic DIP (derate 10.53mW/°C
above +70°C) ........................................................ 842mW
Operating Temperature Range .......................... -40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ........................... -65°C to +160°C
Lead Temperature (soldering, 10s) ............................... +300°C
ELECTRICAL CHARACTERISTICS—
±15V Dual Supplies
(V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25
°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-Free Analog Signal Range
VCOM_,
VNO_, VNC_
EV-
V+
V
+25°C
25
35
On-Resistance
RON
ICOM_ = 10mA,
VNO_, VNC_ =
±10V
E45
Ω
+25°C
0.2
1.5
On-Resistance Match Between
Channels (Note 4)
∆RON
ICOM_ = 10mA,
VNO_, VNC_ =
±10V
E
2.0
Ω
+25°C
1.0
3
On-Resistance Flatness
RFLAT(ON)
ICOM_ = 10mA,
VNO_, VNC_ =
±5V, 0
E4
Ω
+25°C
-0.25
+0.025
+0.25
NO_, NC_ Off-Leakage Current
(Note 5)
INO_(OFF),
INC_(OFF)
VCOM_ =
±10V,
VNO_, VNC_ = › 10V
E
-20
+20
nA
+25°C
-0.25
+0.025
+0.25
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
VCOM_ =
±10V,
VNO_, VNC_ = › 10V
E
-20
+20
nA
+25°C
-0.5
+0.025
+0.5
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
VCOM_ =
±10V,
VNO_, VNC_ =
±10V or floating
E
-40
+40
nA
FAULT
V+ = +15V, V- = -15V
E
-36
+36
V+ = 0, V- = -15V
E
-36
+36
Fault-Protected Analog Signal
Range
VCOM_,
VNO_, VNC_
V+ = V- = 0
E
-40
+40
V
+25°C
-1
+1
NO_ or NC_ Off-Leakage
Current
INO_, INC_
VNO_, VNC_ =
±36V
E
-10
+10
µA
+25°C
-1
+1
COM_ Off-Leakage Current
ICOM_
VCOM_ =
±36V
E
-10
+10
µA
Note 1: COM_, NO_, and NC_ pins are fault protected. Signals on COM_, NO_, and NC_ exceeding -36V to +36V may damage the
device during power-on conditions. When the power is off, the maximum range is -40V to +40V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com