Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400DT Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29W400DT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29W400DT Datasheet HTML 26Page - STMicroelectronics M29W400DT Datasheet HTML 27Page - STMicroelectronics M29W400DT Datasheet HTML 28Page - STMicroelectronics M29W400DT Datasheet HTML 29Page - STMicroelectronics M29W400DT Datasheet HTML 30Page - STMicroelectronics M29W400DT Datasheet HTML 31Page - STMicroelectronics M29W400DT Datasheet HTML 32Page - STMicroelectronics M29W400DT Datasheet HTML 33Page - STMicroelectronics M29W400DT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
M29W400DT, M29W400DB
30/38
PART NUMBERING
Table 20. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:M29W400D
55
N
6
T
Device Type
M29
Operating Voltage
W = VCC = 2.7 to 3.6V
Device Function
400D = 4 Mbit (512Kx8 or 256Kx16), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
45 = 45ns
55 = 55ns
70 = 70ns
Package
M = SO44
N = TSOP48: 12 x 20mm
ZA = TFBGA48: 6 x 9mm
ZE = TFBGA48: 6 x 8mm
Temperature Range
6 = –40 to 85 °C
1 = 0 to 70 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-free and RoHS Package, Standard Packing
F = Lead-free and RoHS Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com