Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC126AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC126AD
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC126AD Datasheet HTML 5Page - NXP Semiconductors 74LVC126AD Datasheet HTML 6Page - NXP Semiconductors 74LVC126AD Datasheet HTML 7Page - NXP Semiconductors 74LVC126AD Datasheet HTML 8Page - NXP Semiconductors 74LVC126AD Datasheet HTML 9Page - NXP Semiconductors 74LVC126AD Datasheet HTML 10Page - NXP Semiconductors 74LVC126AD Datasheet HTML 11Page - NXP Semiconductors 74LVC126AD Datasheet HTML 12Page - NXP Semiconductors 74LVC126AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 Feb 28
9
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
AC WAVEFORMS
handbook, halfpage
MNA237
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Fig.6 The input nA to output nY propagation delays.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5VCC at VCC < 2.7 V;
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA684
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Fig.7 3-state enable and disable times.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5VCC at VCC < 2.7 V;
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.1 V at VCC < 2.7 V;
VY =VOH +0.3VatVCC ≥ 2.7 V;
VY =VOH +0.1VatVCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com