Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080S33 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LD29080S33
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080S33 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LD29080S33 Datasheet HTML 13Page - STMicroelectronics LD29080S33 Datasheet HTML 14Page - STMicroelectronics LD29080S33 Datasheet HTML 15Page - STMicroelectronics LD29080S33 Datasheet HTML 16Page - STMicroelectronics LD29080S33 Datasheet HTML 17Page - STMicroelectronics LD29080S33 Datasheet HTML 18Page - STMicroelectronics LD29080S33 Datasheet HTML 19Page - STMicroelectronics LD29080S33 Datasheet HTML 20Page - STMicroelectronics LD29080S33 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
LD29080 SERIES
18/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.0
13.2
0.504
0.512
0.519
D20.2
0.795
N60
2.362
T
14.4
0.567
Ao
6.73
6.83
6.93
0.265
0.269
0.273
Bo
7.32
7.42
7.52
0.288
0.292
0.296
Ko
1.78
2
0.070
0.078
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & Reel SOT223 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com