Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW256ML55ZB6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M68AW256ML55ZB6
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256ML55ZB6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M68AW256ML55ZB6 Datasheet HTML 15Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 16Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 17Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 18Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 19Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 20Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 21Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 22Page - STMicroelectronics M68AW256ML55ZB6 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M68AW256M
22/23
REVISION HISTORY
Table 14. Document Revision History
Date
Version
Revision Details
February 2002
-01
First Issue
13-Mar-2002
-02
Tables 4, 7 and 9 clarified
Figure 14 clarified
17-Jun-2002
-03
ICCDR clarified (Table 9)
ISB clarified (Table 6)
09-Oct-2002
3.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 03 equals 3.0).
Part number modified.
20-Feb-2004
4.0
TFBGA48 7x8 replaced by TFBGA48 6x7: Figure 16., TFBGA48 6x8mm - 6x8 active
ball array, 0.75 mm pitch, Bottom View Package Outline and Table 11., TFBGA48
6x8mm - 6x8 active ball array, 0.75 mm pitch, Package Mechanical Data updated.
ICC1 and ISB updated in Table 6., DC Characteristics.
tWLWH updated in Table 8., Write Mode AC Characteristics .
Minor content modifications.
FEATURES SUMMARY, SUMMARY DESCRIPTION, Table 13., Ordering
Information Scheme updated with Package Lead-free information. TLEAD parameter
added in Table 3., Absolute Maximum Ratings.
27-Apr-2004
5.0
TFBGA48 7x8mm - 6x8 active ball array, 0.75mm pitch reintroduced.
TFBGA 6x7mm -6x8mm active ball array replaced by TFBGA48 6x8mm- 6x8 active
ball array, 0.75mm pitch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com