Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4046A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HC4046A
Description  Phase-locked-loop with VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HC4046A Datasheet HTML 17Page - NXP Semiconductors 74HC4046A Datasheet HTML 18Page - NXP Semiconductors 74HC4046A Datasheet HTML 19Page - NXP Semiconductors 74HC4046A Datasheet HTML 20Page - NXP Semiconductors 74HC4046A Datasheet HTML 21Page - NXP Semiconductors 74HC4046A Datasheet HTML 22Page - NXP Semiconductors 74HC4046A Datasheet HTML 23Page - NXP Semiconductors 74HC4046A Datasheet HTML 24Page - NXP Semiconductors 74HC4046A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Fig.18 Frequency stability of the VCO as a function of ambient temperature with supply voltage as a parameter.
 without offset (R2 = ∞): (a) R1 = 3 kΩ; (b) R1 = 10 kΩ; (c) R1 = 300 kΩ.
−−− with offset
(R1 =
∞): (a) R2 = 3 kΩ; (b) R2 = 10 kΩ; (c) R2 = 300 kΩ.
In (b), the frequency stability for R1 = R2 = 10 k
Ω at 5 V is also given (curve A). This curve is set by the total VCO bias current, and is
not simply the addition of the two 10 k
Ω stability curves. C1 = 100 pF; VVCO IN = 0.5 VCC.
To obtain optimum temperature stability, C1 must be as small as possible but larger than 100 pF.
book, halfpage
MSB710
Tamb (
oC)
0
150
100
50
0
−50
−25
−20
−15
−10
−5
5
10
15
20
25
∆f
(%)
5 V
6 V
3 V
4.5 V
5 V
6 V
V
=
CC
3 V
(a)
handbook, halfpage
MSB711
T
( C)
amb
0
f
(%)
o
150
100
50
0
50
25
20
15
10
5
5
10
15
20
25
∆
5 V
6 V
3 V
5 V
6 V
V
=
CC
3 V
(b)
A
handbook, halfpage
MSB712
T
( C)
amb
0
f
(%)
o
150
100
50
0
50
25
20
15
10
5
5
10
15
20
25
∆
5 V
6 V
(c)
V
=
CC
3 V
3 V
6 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com