Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29080S50-R Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD29080S50-R
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080S50-R Datasheet(HTML) 2 Page - STMicroelectronics

  LD29080S50-R Datasheet HTML 1Page - STMicroelectronics LD29080S50-R Datasheet HTML 2Page - STMicroelectronics LD29080S50-R Datasheet HTML 3Page - STMicroelectronics LD29080S50-R Datasheet HTML 4Page - STMicroelectronics LD29080S50-R Datasheet HTML 5Page - STMicroelectronics LD29080S50-R Datasheet HTML 6Page - STMicroelectronics LD29080S50-R Datasheet HTML 7Page - STMicroelectronics LD29080S50-R Datasheet HTML 8Page - STMicroelectronics LD29080S50-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LD29080 SERIES
2/21
Figure 2: Schematic Diagram For Fixed Version
Table 1: Ordering Codes
(*) Available in Tape & Reel with the suffix "R", for the adj version "-R"
(**) Available on Request
Table 2: Absolute Maximum Ratings
(*) Above 14V the device is automatically in shut-down.
Absolute Maximum Ratings are those beyond which damage to the device may occur. Functional operation under these condition is not im-
plied.
DPAK (*)
PPAK (*)
SOT-223
OUTPUT VOLTAGE
LD29080DT15
LD29080PT15
LD29080S15
1.5 V
LD29080DT18
LD29080PT18
LD29080S18
1.8 V
LD29080DT25
LD29080PT25
LD29080S25
2.5 V
LD29080DT33
LD29080PT33
LD29080S33
3.3 V
LD29080DT50
LD29080PT50
LD29080S50
5.0 V
LD29080DT80
LD29080PT80
LD29080S80
8.0 V (**)
LD29080DT90
LD29080PT90
LD29080S90
9.0 V (**)
LD29080PT
ADJ
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
30 (*)
V
VINH
Inhibit Input Voltage
14
V
IO
Output Current
Internally Limited
mA
PD
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-55 to 150
°C
Top
Storage Temperature Range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com