Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-3P Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TO-3P
Description  Fully Isolated Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-3P Datasheet(HTML) 1 Page - Continental Device India Limited

  TO-3P Datasheet HTML 1Page - Continental Device India Limited TO-3P Datasheet HTML 2Page - Continental Device India Limited TO-3P Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
POWER TRANSISTORS
CSA1301F PNP
CSC3280F NPN
TO- 3P Fully Isolated
Plastic Package
Power Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
160
V
Collector -Emitter Voltage
VCEO
160
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
12
A
Base Current
IB
1.2
A
Total Power Dissipation up to Tc=25 ºC
Ptot
90
W
Junction Temperature
Tj
150
ºC
Storage Temperature
Tstg
- 55 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=160V, IE=0
5.0
µΑ
Emitter Cut off Current
IEBO
VEB =5V, IC =0
5.0
µΑ
Collector -Emitter Voltage
VCEO
IC=50mA, IB =0
160
V
Collector -Emitter Saturation Voltage
VCE(sat)
IC=0.8A, IB =0.8A
CSA1301F
2.8
V
CSC3280F
2.0
Base Emitter on Voltage
VBE (on)
IC=6A, VCE=5V
1.5
V
DC Current Gain
hFE
IC=1A, VCE=5V *
55
200
IC=6A, VCE=5V
28
Collector Output Capacitance
Cob
IE=0, VCB=10V ,f=1MHz
CSA1301F
480
pF
CSC3280F
220
Transition Frequency
fT
IC=1A, VCE=5V
30
MHz
* hFE Classification
R :
55 - 110 ;
O : 80 - 200
IS/ISO 9002
Lic# QSC/L- 000019.2
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - TO-3P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TO-3P LUGUANG-TO-3P Datasheet
299Kb / 2P
Super Fast Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
1Mb / 2P
Dual Schottky Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
415Kb / 2P
Schottky Barrier Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
239Kb / 2P
Schottky Barrier Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
244Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - TO-3P

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BU908F CDIL-BU908F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
TO-220FP CDIL-TO-220FP Datasheet
233Kb / 5P
Thru-hole Fully Isolated Plastic Package
logo
Arch Electronics Corp.
APF100 ARCH-APF100_16 Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
Fully Isolated Plastic Case with IP67 Level
logo
Vishay Siliconix
VS-GB50NA120UX VISHAY-VS-GB50NA120UX Datasheet
178Kb / 10P
Fully isolated package
11-Jun-15
VS-GB70NA60UF VISHAY-VS-GB70NA60UF Datasheet
174Kb / 9P
Fully isolated package
11-Jun-15
VS-GB90DA60U VISHAY-VS-GB90DA60U Datasheet
278Kb / 10P
Fully isolated package
25-Jun-13
VS-30ETH06FP-F3 VISHAY-VS-30ETH06FP-F3 Datasheet
137Kb / 7P
Fully isolated package
13-May-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com