Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK.F102 Datasheet(PDF) 2 Page - International Rectifier

Part # IRK.F102
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.F102 Datasheet(HTML) 2 Page - International Rectifier

  IRK.F102 Datasheet HTML 1Page - International Rectifier IRK.F102 Datasheet HTML 2Page - International Rectifier IRK.F102 Datasheet HTML 3Page - International Rectifier IRK.F102 Datasheet HTML 4Page - International Rectifier IRK.F102 Datasheet HTML 5Page - International Rectifier IRK.F102 Datasheet HTML 6Page - International Rectifier IRK.F102 Datasheet HTML 7Page - International Rectifier IRK.F102 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRK.F102.. Series
2
Bulletin I27097 rev. A 09/97
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
/V
DRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
/I
DRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 125°C
VV
mA
08
800
800
12
1200
1200
I
T(AV)
Maximum average on-state current
105
A
180° conduction, half sine wave
@ Case temperature
90
°C
I
T(RMS)
Maximum RMS current
233
A
T
C
= 90°C, as AC switch
I
TSM
Maximum peak, one-cycle,
2850
A
t = 10ms
No voltage
non-repetitive surge current
3000
t = 8.3ms
reapplied
2400
t = 10ms
100% V
RRM
2500
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
40.8
KA2s
t = 10ms
No voltage
Initial T
J = 125°C
37.2
t = 8.3ms
reapplied
28.8
t = 10ms
100% V
RRM
26.3
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
408
KA2
√s t = 0 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold voltage
1.12
V
(16.7% x
π x I
T(AV) < I < π x I T(AV)), TJ = TJ max.
VT(TO)2 High level value of threshold voltage
1.28
(I >
π x I
T(AV) ), TJ = TJ max.
rt1
Low level value of on-state slope resistance
2.43
mW
(16.7% x
π x I
T(AV) < I < π x I T(AV)), TJ = TJ max.
rt2
High level value of on-state slope resistance
2.00
(I >
π x I
T(AV)), TJ = TJ max.
V
TM
Maximum on-state voltage drop
1.97
V
I
pk
= 350A, T
J = TJ max., tp
= 10ms sine pulse
I
H
Maximum holding current
600
mA
T
J = 25°C, IT > 30 A
I
L
Typical latching current
1000
mA
T
J
= 25°C, V
A
= 12V, Ra = 6
Ω, Ig = 1A
Parameter
IRK.F102..
Units Conditions
On-state Conduction
Frequency f
Units
50Hz
210
340
320
500
1590
2210
A
400Hz
265
415
395
625
975
1390
A
2500Hz
180
280
320
490
390
570
A
5000Hz
145
230
260
380
260
380
A
10000Hz
110
175
190
275
-
-
A
Recovery voltage Vr
50
50
50
50
50
50
V
Voltage before turn-on Vd
80%V
DRM
80%V
DRM
80%V
DRM
V
Rise of on-state current di/dt
50
50
-
-
-
-
A/µ s
Case temperature
90
60
90
60
90
60
°C
Equivalent values for RC circuit
47
Ω / 0.22 µF
47
Ω / 0.22 µF
47
Ω/ 0.22 µF
I
TM
I
TM
180oel
100µs
I
TM
180oel
Current Carrying Capacity
IRK.F102.. Series
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com