Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # F5NK100Z
Description  N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F5NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  F5NK100Z Datasheet HTML 1Page - STMicroelectronics F5NK100Z Datasheet HTML 2Page - STMicroelectronics F5NK100Z Datasheet HTML 3Page - STMicroelectronics F5NK100Z Datasheet HTML 4Page - STMicroelectronics F5NK100Z Datasheet HTML 5Page - STMicroelectronics F5NK100Z Datasheet HTML 6Page - STMicroelectronics F5NK100Z Datasheet HTML 7Page - STMicroelectronics F5NK100Z Datasheet HTML 8Page - STMicroelectronics F5NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2006
Rev 4
1/16
16
STP5NK100Z - STF5NK100Z
STW5NK100Z
N-channel 1000V - 2.7
Ω - 3.5A - TO-220/TO-220FP/TO-247
Zener-protected SuperMESH™ Power MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STF5NK100Z
1000 V
< 3.7
Ω
3.5 A
STP5NK100Z
1000 V
< 3.7
Ω
3.5 A
STW5NK100Z
1000 V
< 3.7
Ω
3.5 A
1
2
3
TO-220FP
TO-220
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STF5NK100Z
F5NK100Z
TO-220FP
Tube
STP5NK100Z
P5NK100Z
TO-220
Tube
STW5NK100Z
W5NK100Z
TO-247
Tube


Similar Part No. - F5NK100Z

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F5N3 EDAL-F5N3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
logo
Unisonic Technologies
F5N50 UTC-F5N50 Datasheet
242Kb / 6P
N-CHANNEL POWER MOSFET
F5N50G-TF3-T UTC-F5N50G-TF3-T Datasheet
242Kb / 6P
N-CHANNEL POWER MOSFET
F5N50G-TN3-R UTC-F5N50G-TN3-R Datasheet
242Kb / 6P
N-CHANNEL POWER MOSFET
F5N50L-TF3-T UTC-F5N50L-TF3-T Datasheet
242Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - F5NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP8NK80Z STMICROELECTRONICS-STP8NK80Z Datasheet
472Kb / 11P
N-CHANNEL 800V - 1.3ohm - 6.2A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
Mar-2004
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STF8NK100Z STMICROELECTRONICS-STF8NK100Z Datasheet
293Kb / 13P
N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
04-Nov-2005
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com