Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8303 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCF8303
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8303 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCF8303 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8303 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCF8303
2003-07-16
3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±8V, VDS = 0 V
―
―
±10
µA
Drain cut-off current
IDSS
VDS = -20 V, VGS = 0 V
―
―
-10
µA
V (BR) DSS
ID = -10 mA, VGS = 0 V
-20
―
―
Drain-source breakdown voltage
V (BR) DSX
ID = -10 mA, VGS = 8 V
-10
―
―
V
Gate threshold voltage
Vth
VDS = -10 V, ID = -200 µA
-0.45
―
-1.2
V
RDS (ON)
VGS = -1.8 V, ID = -1.5 A
―
120
250
RDS (ON)
VGS = -2.5 V, ID = -1.5 A
―
63
87
Drain-source ON resistance
RDS (ON)
VGS = -4.5 V, ID = -1.5 A
―
43
58
m
Ω
Forward transfer admittance
|Yfs|
VDS = -10 V, ID = -1.5 A
3.0
6.0
―
S
Input capacitance
Ciss
―
860
―
Reverse transfer capacitance
Crss
―
110
―
Output capacitance
Coss
VDS = -10 V, VGS = 0 V, f = 1 MHz
―
140
―
pF
Rise time
tr
―
5.6
―
Turn-on time
ton
―
16
―
Fall time
tf
―
16
―
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
―
55
―
ns
Total gate charge
(gate-source plus gate-drain)
Qg
―
11
―
Gate-source charge1
Qgs1
―
0.9
―
Gate-drain (“miller”) charge
Qgd
VDD ∼− -16 V, VGS = -5 V,
ID = -3 A
―
2.7
―
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
―
―
―
-12
A
Forward voltage (diode)
VDSF
IDR = -3.0 A, VGS = 0 V
―
―
1.2
V
VDD ∼− -10 V
-5 V
VGS
0 V
ID = -1.5 A
VOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com