Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30-16JC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 9Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 10Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 11Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 12Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AMD
9
Am85C30
ARCHITECTURE
The ESCC internal structure includes two full-duplex
channels, two 10
× 19 bit SDLC/HDLC frame status
FIFOs, two baud rate generators, internal control and in-
terrupt logic, and a bus interface to a non-multiplexed
bus. Associated with each channel are a number of
Read and Write registers for mode control and status in-
formation, as well as logic necessary to interface with
modems or other external devices (see Logic Symbol).
The logic for both channels provides formats, synchroni-
zation, and validation for data transferred to and from
the channel interface. The modem control inputs are
monitored by the control logic under program control. All
of the modem control signals are general-purpose in na-
ture and can optionally be used for functions other than
modem control.
The register set for each channel includes ten control
(Write) registers, two SYNC character (Write) registers,
and four status (Read) registers. In addition, each baud
rate generator has two (Read/Write) registers for hold-
ing the time constant that determines the baud rate. Fi-
nally, associated with the interrupt logic is a Write
register for the interrupt vector accessible through either
channel, a Write-only Master Interrupt Control register,
and three Read registers: one containing the vector with
status information (Channel B only), one containing the
vector without status (A only), and one containing the in-
terrupt pending bits (A only).
The registers for each channel are designated as
follows:
WR0–WR15—Write Registers 0 through 15. An addi-
tional Write register, WR7 Prime (WR7
′), is available for
enabling or disabling additional SDLC/HDLC enhance-
ments if bit D0 of WR15 is set.
RR0–RR3, RR10, RR12, RR13, RR15—Read Regis-
ters 0 through 3, 10, 12, 13, and 15.
If bit D2 of WR15 is set, then two additional Read regis-
ters, RR6 and RR7, are available. These registers are
used with the 10
× 19 bit Frame Status FIFO.
Table 1 lists the functions assigned to each Read
and Write register. The ESCC contains only one
WR2 and WR9, but they can be accessed by either
channel. All other registers are paired (one for
each channel).
Channel
B
Registers
Data
Control
CPU
Bus VO
Internal
Control
Logic
Internal Bus
Channel
A
Registers
Interrupt
Control
Logic
+5 V GND PCLK
Channel A
Channel B
Control
Logic
Transmitter
Receiver
Baud
Rate
Generator
10
×19 Bit
Frame
Status
FIFO
Interrupt
Control
Lines
TxDA
RxDA
RTxCA
TRxCA
SYNCA
RTSA
CTSA
DCDA
RxDB
RTxCB
TRxCB
SYNCB
RTSB
CTSB
DCDB
5
10216F-5
TxDB
8
Figure 1. Block Diagram of ESCC Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com