Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-W Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95640-W
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95640-W Datasheet HTML 35Page - STMicroelectronics M95640-W Datasheet HTML 36Page - STMicroelectronics M95640-W Datasheet HTML 37Page - STMicroelectronics M95640-W Datasheet HTML 38Page - STMicroelectronics M95640-W Datasheet HTML 39Page - STMicroelectronics M95640-W Datasheet HTML 40Page - STMicroelectronics M95640-W Datasheet HTML 41Page - STMicroelectronics M95640-W Datasheet HTML 42Page - STMicroelectronics M95640-W Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
DocID16877 Rev 19
39/53
M95640-W M95640-R M95640-DF
DC and AC parameters
41
Table 19. AC characteristics (M95640-R, device grade 6)
Test conditions specified in Table 9 and Table 11
Symbol Alt.
Parameter
Previous
products(1)
New products(2)
Unit
VCC ≥ 1.8V
VCC ≥ 1.8V VCC ≥ 2.5V VCC ≥ 4.5V
Min.
Max. Min. Max. Min. Max. Min. Max.
fC
fSCK Clock frequency
-
2
-
5
-
10
-
20
MHz
tSLCH
tCSS1 S active setup time
150
-
60
-
30
-
15
-
ns
tSHCH tCSS2 S not active setup time
150
-
60
-
30
-
15
-
ns
tSHSL
tCS S deselect time
200
-
90
-
40
-
20
-
ns
tCHSH
tCSH S active hold time
150
-
60
-
30
-
15
-
ns
tCHSL
-S not active hold time
150
-
60
-
30
-
15
-
ns
tCH (3)
tCLH Clock high time
200
-
80
-
40
-
20
-
ns
tCL(3)
tCLL Clock low time
200
-
80
-
40
-
20
-
ns
tCLCH(4) tRC Clock rise time
-
2
-
2
-
2
-
2
µs
tCHCL(4)
tFC Clock fall time
-
2
-
2
-
2
-
2
µs
tDVCH
tDSU Data in setup time
50
-
20
-
10
-
5
-
ns
tCHDX
tDH Data in hold time
50
-
20
-
10
-
10
-
ns
tHHCH
-
Clock low hold time after HOLD
not active
150
-
60
-
30
-
15
-
ns
tHLCH
-
Clock low hold time after HOLD
active
150
-
60
-
30
-
15
-
ns
tCLHL
-
Clock low setup time before
HOLD active
0-
0
-
0
-
0
-
ns
tCLHH
-
Clock low setup time before
HOLD not active
0-
0
-
0
-
0
-
ns
tSHQZ(4) tDIS Output disable time
-
200
-
80
-
40
-
20
ns
tCLQV
tV
Clock low to output valid
-
200
-
80
-
40
-
20
ns
tCLQX
tHO Output hold time
0
-
0
-
0
-
0
-
ns
tQLQH(4) tRO Output rise time
-
200
-
80
-
20
-
10
ns
tQHQL(4) tFO Output fall time
-
200
-
80
-
20
-
10
ns
tHHQV
tLZ HOLD high to output valid
-
200
-
80
-
40
-
20
ns
tHLQZ(4)
tHZ HOLD low to output High-Z
-
200
-
80
-
40
-
20
ns
tW
tWC Write time
-
5
-
5
-
5
-
5
ms
1. For devices identified by process letter P.
2. For devices identified by process letter K.
3. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max).
4. Characterized only, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com