Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N1N20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # N1N20
Description  N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N1N20 Datasheet(HTML) 3 Page - STMicroelectronics

  N1N20 Datasheet HTML 1Page - STMicroelectronics N1N20 Datasheet HTML 2Page - STMicroelectronics N1N20 Datasheet HTML 3Page - STMicroelectronics N1N20 Datasheet HTML 4Page - STMicroelectronics N1N20 Datasheet HTML 5Page - STMicroelectronics N1N20 Datasheet HTML 6Page - STMicroelectronics N1N20 Datasheet HTML 7Page - STMicroelectronics N1N20 Datasheet HTML 8Page - STMicroelectronics N1N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN1N20
Electrical ratings
Doc ID 6772 Rev 3
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS =0)
200
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
1
A
ID
Drain current (continuous) at TC = 100 °C
0.6
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
4
A
PTOT
Total dissipation at TC = 25 °C
2.9
W
Derating factor
0.023
W/°C
dv/dt
Peak diode recovery voltage slope
6
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb
Thermal resistance junction-pcb max
43
°C/W
Rthj-amb
Thermal resistance junction-ambient max
60
°C/W
Tl
Maximum lead temperature for soldering purpose
260
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
1A
EAS
Single pulse avalanche energy (1)
1.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V
10
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com