Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2762 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2762
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2762 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2762 Datasheet HTML 1Page - Renesas Technology Corp 2SC2762 Datasheet HTML 2Page - Renesas Technology Corp 2SC2762 Datasheet HTML 3Page - Renesas Technology Corp 2SC2762 Datasheet HTML 4Page - Renesas Technology Corp 2SC2762 Datasheet HTML 5Page - Renesas Technology Corp 2SC2762 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC2762
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
34
32
30
28
26
24
22
15
25
20
f = 500 MHz
VCC = 12.6 V
OUTPUT POWER AND COLLECTOR
EFFICIENCY vs. INPUT POWER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
5.0
4.0
3.0
20
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.8
0.6
0.4
0.4
EN
T
REACTANCE COMPONENT
500 MHz
1.0 GHz
1.0 GHz
500 MHz
100 MHz
Pin - Input Power - dBm
100
0
50
ZO = 50
Ω
VCE = 10 V
IC = 50 mA
S-PARAMETER
100 MHz
S11e
S22e
C
η
Pout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com