Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5288 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5288 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5288 Datasheet HTML 1Page - Renesas Technology Corp 2SC5288 Datasheet HTML 2Page - Renesas Technology Corp 2SC5288 Datasheet HTML 3Page - Renesas Technology Corp 2SC5288 Datasheet HTML 4Page - Renesas Technology Corp 2SC5288 Datasheet HTML 5Page - Renesas Technology Corp 2SC5288 Datasheet HTML 6Page - Renesas Technology Corp 2SC5288 Datasheet HTML 7Page - Renesas Technology Corp 2SC5288 Datasheet HTML 8Page - Renesas Technology Corp 2SC5288 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2SC5288
2
Data Sheet PU10039EJ01V0DS
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0
2.5
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
2.5
µA
DC Current Gain
hFE
VCE = 3.6 V, IC = 100 mANote
60
—
Output Power
P–1
VCC = 3.6 V, f = 1.9 GHz,
23
24
dBm
Power Gain
GP
ICq = 1 mA (class AB operation)
7
8
dB
Collector Efficiency
ηC
Duty factor 1/8
50
60
%
Note
Pulse Measurement: PW
≤ 350
µs, Duty cycle ≤ 2 %, Pulsed
hFE Classification
Rank
KB
Marking
T89
hFE
more than 60
APPLICATION EXAMPLES
(1) Power amplifier for DECT
+3 dBm
PO = 27 dBm
2SC5289
2SC5288
2SC5192
(2) Power amplifier for PHS
+7 dBm
PL = 23 dBm
2SC5289
2SC5288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com