Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT92/08AS90 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKT92/08AS90
Description  ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT92/08AS90 Datasheet(HTML) 1 Page - International Rectifier

  IRKT92/08AS90 Datasheet HTML 1Page - International Rectifier IRKT92/08AS90 Datasheet HTML 2Page - International Rectifier IRKT92/08AS90 Datasheet HTML 3Page - International Rectifier IRKT92/08AS90 Datasheet HTML 4Page - International Rectifier IRKT92/08AS90 Datasheet HTML 5Page - International Rectifier IRKT92/08AS90 Datasheet HTML 6Page - International Rectifier IRKT92/08AS90 Datasheet HTML 7Page - International Rectifier IRKT92/08AS90 Datasheet HTML 8Page - International Rectifier IRKT92/08AS90 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
75 A
95 A
ADD-A-pakTM GEN V Power Modules
THYRISTOR/ DIODE and
THYRISTOR/ THYRISTOR
IRK.71, .91 SERIES
Bulletin I27132 rev. H 10/02
1
www.irf.com
Parameters
IRK.71
IRK.91
Units
I
T(AV)
or I
F(AV)
@ 85°C
I
O(RMS)
(*)
165
210
A
I
TSM
@ 50Hz
1665
1785
A
I
FSM
@ 60Hz
1740
1870
A
I
2t @ 50Hz
13.86
15.91
KA
2s
@ 60Hz
12.56
14.52
KA
2s
I
2√t
138.6
159.1
KA
2√s
V
RRM
range
400 to 1600
V
T
STG
- 40 to 125
oC
T
J
- 40 to125
oC
(*) As AC switch.
75
95
A
Major Ratings and Characteristics
Features
High Voltage
Industrial Standard Package
Thick Al metal die and double stick bonding
Thick copper baseplate
UL E78996 approved
3500V
RMS isolating voltage
Mechanical Description
The Generation V of Add-A-pak module combine the
excellent thermal performance obtained by the usage
of Direct Bonded Copper substrate with superior
mechanical ruggedness, thanks to the insertion of a
solid Copper baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the
majority of heatsink with increased tolerance of surface
roughness and improve thermal spread.
The Generation V of AAP module is manufactured
without hard mold, eliminating in this way any possible
direct stress on the leads.
Benefits
Up to 1600V
Full compatible TO-240AA
High Surge capability
Easy Mounting on heatsink
Al
203 DBC insulator
Heatsink grounded
Electrical Description
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop
feature already tested and proved as reliable on other IR
modules.


Similar Part No. - IRKT92/08AS90

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKT92/12 IRI-IRKT92/12 Datasheet
1Mb / 5P
POWER MODULE
IRKT92/16 IRI-IRKT92/16 Datasheet
1Mb / 5P
POWER MODULE
IRKT92/20 IRI-IRKT92/20 Datasheet
1Mb / 5P
POWER MODULE
IRKT92/22 IRI-IRKT92/22 Datasheet
1Mb / 5P
POWER MODULE
More results

Similar Description - IRKT92/08AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
17-May-10
logo
Nell Semiconductor Co.,...
NKT26-16A NELLSEMI-NKT26-16A Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 27A(ADD-A-PAK Power Modules)
NKT90-16A NELLSEMI-NKT90-16A Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 90A(ADD-A-PAK Power Modules)
NKT110-16A NELLSEMI-NKT110-16A Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 110A(ADD-A-PAK Power Modules)
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
14-Jan-14
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com