Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK60Z Datasheet(PDF) 24 Page - STMicroelectronics

Part # STP3NK60Z
Description  N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK60Z Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STP3NK60Z Datasheet HTML 20Page - STMicroelectronics STP3NK60Z Datasheet HTML 21Page - STMicroelectronics STP3NK60Z Datasheet HTML 22Page - STMicroelectronics STP3NK60Z Datasheet HTML 23Page - STMicroelectronics STP3NK60Z Datasheet HTML 24Page - STMicroelectronics STP3NK60Z Datasheet HTML 25Page - STMicroelectronics STP3NK60Z Datasheet HTML 26Page - STMicroelectronics STP3NK60Z Datasheet HTML 27Page - STMicroelectronics STP3NK60Z Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Table 15. DPAK (TO-252) type E mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.18
2.39
A2
0.13
b
0.65
0.884
b4
4.95
5.46
c
0.46
0.61
c2
0.46
0.60
D
5.97
6.22
D1
5.21
E
6.35
6.73
E1
4.32
e
2.286
e1
4.572
H
9.94
10.34
L
1.50
1.78
L1
2.74
L2
0.89
1.27
L4
1.02
Figure 30. DPAK (TO-252) recommended footprint (dimensions are in mm)
FP_0068772_25
STB3NK60ZT4,STD3NK60Z-1,STD3NK60ZT4,STP3NK60Z,STP3NK60ZFP
DPAK (TO-252) type E package information
DS2912 - Rev 6
page 24/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com