Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK60ZFP Datasheet(PDF) 29 Page - STMicroelectronics

Part # P3NK60ZFP
Description  N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK60ZFP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button P3NK60ZFP Datasheet HTML 25Page - STMicroelectronics P3NK60ZFP Datasheet HTML 26Page - STMicroelectronics P3NK60ZFP Datasheet HTML 27Page - STMicroelectronics P3NK60ZFP Datasheet HTML 28Page - STMicroelectronics P3NK60ZFP Datasheet HTML 29Page - STMicroelectronics P3NK60ZFP Datasheet HTML 30Page - STMicroelectronics P3NK60ZFP Datasheet HTML 31Page - STMicroelectronics P3NK60ZFP Datasheet HTML 32Page - STMicroelectronics P3NK60ZFP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
4.10
TO-220FP package information
Figure 34. TO-220FP package outline
7012510_Rev_12_B
STB3NK60ZT4,STD3NK60Z-1,STD3NK60ZT4,STP3NK60Z,STP3NK60ZFP
TO-220FP package information
DS2912 - Rev 6
page 29/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com