Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK90Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # P3NK90Z
Description  N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK90Z Datasheet(HTML) 2 Page - STMicroelectronics

  P3NK90Z Datasheet HTML 1Page - STMicroelectronics P3NK90Z Datasheet HTML 2Page - STMicroelectronics P3NK90Z Datasheet HTML 3Page - STMicroelectronics P3NK90Z Datasheet HTML 4Page - STMicroelectronics P3NK90Z Datasheet HTML 5Page - STMicroelectronics P3NK90Z Datasheet HTML 6Page - STMicroelectronics P3NK90Z Datasheet HTML 7Page - STMicroelectronics P3NK90Z Datasheet HTML 8Page - STMicroelectronics P3NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK, TO-220
TO-220FP
VDS
Drain-source voltage
900
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
3
3 (1)
A
ID
Drain current (continuous) at TC = 100 °C
1.89
1.89 (1)
A
IDM (2)
Drain current (pulsed)
12
12 (1)
A
PTOT
Total dissipation at TC = 25 °C
90
25
W
ESD
Gate-source human body model
(R = 1,5 kΩ, C = 100 pF)
4
kV
dv/dt (3)
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t = 1 s; Tc = 25 °C)
2.5
kV
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Limited by maximum junction temperature.
2. Pulse width limited by safe operating area.
3. ISD ≤ 3 A, di/dt ≤ 200 A/μs, VDS(peak) ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case
1.38
5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
Rthj-pcb (1)
Thermal resistance junction-pcb
50
1. When mounted on 1inch² FR-4, 2 Oz copper board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR (1)
Avalanche current, repetitive or not-repetitive
3
A
EAS (2)
Single pulse avalanche energy
180
mJ
1. Pulse width limited by Tjmax.
2. Starting Tj = 25°C, ID = IAR, VDD = 50 V.
STD3NK90ZT4, STP3NK90Z, STP3NK90ZFP
Electrical ratings
DS2980 - Rev 3
page 2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com