Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G132STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2G132STR
Description  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G132STR Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G132STR Datasheet HTML 1Page - STMicroelectronics 74V2G132STR Datasheet HTML 2Page - STMicroelectronics 74V2G132STR Datasheet HTML 3Page - STMicroelectronics 74V2G132STR Datasheet HTML 4Page - STMicroelectronics 74V2G132STR Datasheet HTML 5Page - STMicroelectronics 74V2G132STR Datasheet HTML 6Page - STMicroelectronics 74V2G132STR Datasheet HTML 7Page - STMicroelectronics 74V2G132STR Datasheet HTML 8Page - STMicroelectronics 74V2G132STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74V2G132
4/9
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivqlent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current cqn be obtqined by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
4
101010
pF
CPD
Power Dissipation
Capacitance
(note 1)
19
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com