Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKY-MXM-R3000-6SDA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SKY-MXM-R3000-6SDA
Description  MXM 3.1 Type B NVIDIA® Quadro® Embedded RTX3000 with DP 1.4a
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SKY-MXM-R3000-6SDA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SKY-MXM-R3000-6SDA Datasheet HTML 1Page - Advantech Co., Ltd. SKY-MXM-R3000-6SDA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Transportation Systems
Features
SKY-MXM-RTX3000
ƒ
NVIDIA® Quadro® RTX3000 with MXM 3.1 TYPE B form factor(82 x 105 mm)
ƒ
Up to 1920 CUDA cores , 30 RT cores and 240 Tensor cores, 5.3 TFLOPS
ƒ
GDDR6 6GB memory, 192-bit, bandwidth 336 GB/s
ƒ
Up to 4 x DisplayPort 1.4a outputs
ƒ
Long life cycle, supports 5 years availability
Specifications
Processor System
GPU
Quadro® RTX3000
Graphic Architecture
NVIDIA® Turing™ TU106
CUDA Parallel-Processing Cores
1920 CUDA® cores
GPU Base/Boost Clock
945 MHZ / 1380 MHZ
RT Cores
30
Tensor Cores
240
FP32 Performance
5.3 TFLOPS
Memory
Technology
GDDR6 6GB memory
Interface Width
192-bit
Bandwidth
336 GB/s
Graphics
DP
4 x DisplayPort 1.4a, 4K at 120Hz or 8K at 60Hz (Requires DSC)
Support HDMI 2.0 via DP dual-mode, 4K at 60Hz
Bus
PCI express 3.0
MXM 3.1, Type B PCI Express Gen3 x16 supports
Power Consumption
Max Power Consumption
80W
Environment
Operating
Non-Operating
Temperature
0 ~ 55 °C (dependent on CPU and cooler solution) -40 ~ 85 °C
Humidity
40 °C @ 85% relative humidity (non-condensing)
60 °C @ 95% relative humidity (non-condensing)
Physical
Dimensions
82 (W) x 105 (D) mm
Form Factor
MXM 3.1 Type B
OS
Microsoft
Windows 10/11, 64-bit
Linux
Linux Drivers, 64-bit
MXM 3.1 Type B NVIDIA® Quadro®
Embedded RTX3000 with DP 1.4a
All product specifications are subject to change without notice.
Last updated: 15-Dec-2022


Similar Part No. - SKY-MXM-R3000-6SDA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-MXM-R3000-6SDA ADVANTECH-SKY-MXM-R3000-6SDA Datasheet
600Kb / 2P
MXM GPU Expansion Module for New AI Application with MIC-7 Series
3-Aug-2022
More results

Similar Description - SKY-MXM-R3000-6SDA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-288E ADVANTECH-AIMB-288E Datasheet
3Mb / 6P
THIN AI Motherboard 12th Gen Intel® Core™ Processor LGA1700, NVIDIA® Quadro® Embedded T1000
17-Aug-2022
SKY-MXM-A1000 ADVANTECH-SKY-MXM-A1000 Datasheet
453Kb / 2P
MXM 3.1 Type A NVIDIA® Quadro® Embedded A1000 with DP 1.4a
26-Sep-2022
SKY-MXM-A2000 ADVANTECH-SKY-MXM-A2000 Datasheet
789Kb / 2P
MXM 3.1 Type A NVIDIA® Quadro® Embedded A2000 with DP 1.4a
31-Jan-2023
SKY-MXM-T1000 ADVANTECH-SKY-MXM-T1000 Datasheet
443Kb / 2P
MXM 3.1 Type A NVIDIA® Quadro® Embedded T1000 with DP 1.4a
14-Dec-2022
SKY-QUAD-RTXA6000 ADVANTECH-SKY-QUAD-RTXA6000 Datasheet
246Kb / 1P
NVIDIA® RTX A6000
9-Dec-2021
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
BOXER-8224AI AAEON-BOXER-8224AI Datasheet
764Kb / 2P
AI@Edge Embedded System with NVIDIA® Jetson Nano™
2023/03/24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com