Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3434 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3434
Description  High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3434 Datasheet HTML 16Page - Linear Technology LT3434 Datasheet HTML 17Page - Linear Technology LT3434 Datasheet HTML 18Page - Linear Technology LT3434 Datasheet HTML 19Page - Linear Technology LT3434 Datasheet HTML 20Page - Linear Technology LT3434 Datasheet HTML 21Page - Linear Technology LT3434 Datasheet HTML 22Page - Linear Technology LT3434 Datasheet HTML 23Page - Linear Technology LT3434 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3434
21
3434f
APPLICATIO S I FOR ATIO
Example: with VIN = 40V, VOUT = 5V and IOUT = 2A:
Pe
e
P
P
SW
BOOST
Q
=
(
)()()
+
()
()()( )(
)
+=
=
()
()
=
=
() + () =
015 2
5
40
77
9 12 2 40 200 3
008 0 62
07
5240
40
003
40 0 0015
5 0 001
0 07
2
2
.
–/
..
.
/
.
..
.
Total power dissipation is:
PTOT = 0.7 + 0.03 + 0.07 = 0.8
Thermal resistance for the LT3434 package is influenced
by the presence of internal or backside planes. With a full
plane under the FE16 package, thermal resistance will be
about 45°C/W. No plane will increase resistance to about
150°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature:
TJ = TA + QJA (PTOT)
With the FE16 package (QJA = 45°C/W) at an ambient
temperature of 70°C:
TJ = 70 + 45(0.8) = 106°C
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT3434
is specified at 60V. This is based solely on internal semi-
conductor junction breakdown effects. Due to internal
power dissipation the actual maximum VIN achievable in a
particular application may be less than this.
A detailed theoretical basis for estimating internal power
loss is given in the section Thermal Considerations. Note
that AC switching loss is proportional to both operating
frequency and output current. The majority of AC switch-
ing loss is also proportional to the square of input voltage.
For example, while the combination of VIN = 40V, VOUT =
5V at 2A and fOSC = 200kHz may be easily achievable,
simultaneously raising VIN to 60V and fOSC to 700kHz is
not possible. Nevertheless, input voltage transients up to
60V can usually be accommodated, assuming the result-
ing increase in internal dissipation is of insufficient time
duration to raise die temperature significantly.
A second consideration is controllability. A potential limi-
tation occurs with a high step-down ratio of VIN to VOUT,
as this requires a correspondingly narrow minimum switch
on time. An approximate expression for this (assuming
continuous mode operation) is given as follows:
tON(MIN) = VOUT + VF/VIN(fOSC)
where:
VIN = input voltage
VOUT = output voltage
VF = Schottky diode forward drop
fOSC = switching frequency
A potential controllability problem arises if the LT3434 is
called upon to produce an on time shorter than its typical
value of 250ns. Feedback loop action will lower then
reduce the VC control voltage to the point where some sort
of cycle-skipping or Burst Mode behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN, low VOUT
and high fOSC can result in an unacceptably short
minimum switch on time. Cycle skipping and/or Burst
Mode behavior will result although correct output volt-
age is usually maintained.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits. Read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com