Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM0400-G2-PLG Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # PRM0400-G2-PLG
Description  KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™ MACH CONT, MATES WITH PRM0400-G2.PNL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

PRM0400-G2-PLG Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  PRM0400-G2-PLG Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
4
1
2
1
INITIAL RELEASE
4JAN 20
TZ
A1
-
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™
MACH CONT, MATES WITH PRM0400-G2.PNL
B
PRM0400-G(X)-PLG A1
11
TZ
1JAN20
RC
2FEB20
TZ
TZ
3MAR20
SEE NOTES
NONE
C-
-
CONTACT COPPER ALLOY
SILVER PLATED
CONTACT
RETAINER CLIP
PRM0400
CONTACT HOUSING
4MM FEMALE, SOCKET, 10-12AWG
PL-000728
SC000532-10-R4
CONTACT RETAINER CLIP
PL-000729
COMPONENTS CAN BE PURCHASED SERARATELY
E336860
NOTES:
3) RECOMMENDED CRIMP TOOLS:
4) EXTRACTION TOOL: 50-80639
1) CONTACT BARREL RANGE: 6-16AWG
5) MATERIALS:
HOUSING BODY: GF PA 6/6
CONTACT: COPPER ALLOY / SILVER PLATED
WITH RADSOK® TECHNOLOGY
6) ELECTRICAL DATA:
a) CURRENT (MAX): SEE CHART
b) VOLTAGE (MAX): 250V DC
a) TEMPERATURE RANGE: -40°C TO 125°C
b) MATING CYCLES: >500
9) UL 94 V-0 FLAME RATING
7) TECHNICAL DATA:
10) INSTALLATION INSTRUCTIONS:
WWW.AMPHENOL-SINE.COM/PDF/PRMO400-PLG.PDF
2) MAX INSULATION SIZE: .315 (8MM)
HAND CRIMPER: DANIELS M300BT
RADSOK®
8) RoHS COMPLIANT
US UL CUL
12 AWG (4mm²)
30A DC 30A DC
57A DC 57A DC
8 AWG (10mm²)
WIRE AWG (mm²)
70A DC 60A DC
6 AWG (16mm²)
43A DC 43A DC
10 AWG (6mm²)
PART NUMBER
CONTACT P/N
PRM0400-G2-PLG
PRM0400-G4-PLG
SC000532-10-R4
SC000532-6-R4
5
2
4MM FEMALE, SOCKET, 6-8AWG
SC000532-6-R4
DATE: MM/DD/YY
LOT: XXXXXX
QTY: 1
BAG SAMPLE
2 CONTACTS
RETAINER CLIP
CONTACT HOUSING
KIT CONTAINS
*SEE UL RATING
IN CHART
PRM0400
UNIVERSAL POSITIONER: UH2-5
CONTACT HOUSING
CONTACT
CUSTOM LASER
ENGRAVING AVAILABLE
16 AWG (1.5mm²) PEND
PEND
14 AWG (2.5mm²)
PRM0400-G4-PLG
SC000532-14-R4
PEND
PEND
2
4MM FEMALE, SOCKET, 14-16AWG
SC000532-14-R4
3
PRM0400-G2-PLG
PRM0400-G1-PLG
PRM0400-G1-PLG
1
1
1
1
SEE BELOW FOR QUANITY PER SELECTED P/N


Similar Part No. - PRM0400-G2-PLG

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
PRM0400-G2-PLG ASS-PRM0400-G2-PLG Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results

Similar Description - PRM0400-G2-PLG

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Virginia Panel Corporat...
310113547 VPC-310113547 Datasheet
106Kb / 2P
MNTNG PNL KIT
logo
Kingston Technology Far...
SM2280S3G2 KINGSTON-SM2280S3G2 Datasheet
237Kb / 2P
SSDNow M.2 SATA G2 Drive
logo
TE Connectivity Ltd
C-2317815 TEC-C-2317815 Datasheet
336Kb / 2P
PLUG KIT, 50 POSN, SLIVER
C-2317823 TEC-C-2317823 Datasheet
282Kb / 2P
PLUG KIT, 74 POSN, SLIVER
logo
Amphenol Sine Systems C...
PL000728 ASS-PL000728 Datasheet
198Kb / 1P
4MM, FEMALE PLUG HOUSING FOR USE WITH PL000729, PRM SERIES™
Rev. A1
PL000734 ASS-PL000734 Datasheet
194Kb / 1P
2.4MM FEMALE PLUG HOUSING FOR USE WITH PL000735, PRM SERIES™
Rev. A1
PRM0400-G3-PNL ASS-PRM0400-G3-PNL Datasheet
170Kb / 1P
KIT, 2 POSN, MALE RECPT, PINPRM SERIES™MACH CONT, MATES WITH PRM0400-GX-PLG
Rev. A1
PRM2.400-G2-PNL ASS-PRM2.400-G2-PNL Datasheet
300Kb / 1P
KIT, 2 POSN MALE RECPT, PIN, PRM SERIES 12-14AWG MACHINED CONTACT MATES WITH PRM2400-GX-PLG
Rev. A1
PRM2.400-GX-PLG ASS-PRM2.400-GX-PLG Datasheet
276Kb / 1P
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™MACH CONT, MATES WITH PRM2400-G2-PNL
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com