Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000565 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # SC000565
Description  2.4MM, CONTACT, PIN WITH 4-40 UNC THREAD HOLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000565 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  SC000565 Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
RELEASED DRAWING
DEC-12-2019 BLINK
A1
-
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
Sine Systems - www.amphenol-sine.com
44724 Morley Drive
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
Amphenol
Clinton Township, MI 48036
X
3) Note reference =
2.4MM, CONTACT, PIN
WITH 4-40 UNC THREAD HOLE
B
SC000565
A2
1
1
BLINK
MAR-18-2020
ORION
MAR-20-2020
TOMMY
MAR-23-2020
NONE
TOMMY
NOTES:(UNLESS OTHERWISE SPECIFIED)
1 . MATERIAL:
1 .1 CONTACT BODY:COPPER ALLOY,SILVER PLATED.
2. SPECIFICATIONS:
2.1 CURRENT RATING:32A(MAX).
2.2 TERMINATION TYPE:SCREWING.
3. RoHS COMPLIANT.
4. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
A
A
SECTION A-A
UPDATE DRAWING
MAR-18-2020 BLINK
A2
-
TOMMY


Similar Part No. - SC000565

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000565 ASS-SC000565 Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
SC000565 ASS-SC000565 Datasheet
300Kb / 1P
KIT, 2 POSN MALE RECPT, PIN, PRM SERIES 12-14AWG MACHINED CONTACT MATES WITH PRM2400-GX-PLG
Rev. A1
More results

Similar Description - SC000565

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-006363 CONEC-15-006363 Datasheet
328Kb / 2P
D-SUB MALE 25pos. SOLDER CUP with open 4-40 UNC thread
26.01.15
15-006393 CONEC-15-006393 Datasheet
249Kb / 2P
D-SUB FEMALE 9pos. SOLDER CUP with open 4-40 UNC thread
26.01.15
15-006403 CONEC-15-006403 Datasheet
346Kb / 2P
D-SUB FEMALE 15pos. SOLDER CUP with open 4-40 UNC thread
26.01.15
740-331370 CONEC-740-331370 Datasheet
255Kb / 1P
Hex bolt 4-40 UNC / 4-40 UNC
13.04.11
740-331570 CONEC-740-331570 Datasheet
255Kb / 1P
Hex bolt 4-40 UNC / 4-40 UNC
13.04.11
15-006253 CONEC-15-006253 Datasheet
322Kb / 2P
D-SUB MALE 15pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-006313 CONEC-15-006313 Datasheet
398Kb / 2P
D-SUB FEMALE 25pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-007733 CONEC-15-007733 Datasheet
439Kb / 1P
D-SUB FEMALE 9pos. MOLDED with closed 4-40 UNC thread
26.02.2016
15-007743 CONEC-15-007743 Datasheet
439Kb / 1P
D-SUB FEMALE 9pos. MOLDED with closed 4-40 UNC thread
26.02.2016
740-331670 CONEC-740-331670 Datasheet
255Kb / 1P
Hex bolt 4-40 UNC / 4-40 UNC
13.04.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com