Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFT Datasheet(PDF) 1 Page - Bertech.

Part # CFT
Description  Copper Conductive Tape RoHS & REACH Compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

CFT Datasheet(HTML) 1 Page - Bertech.

  CFT Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product for any
particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is ultimately the
responsibility of the customer to determine a product’s suitability for a particular application.
Copper Conductive Tape
RoHS & REACH Compliant
CFT Series
Copper Conductive Tapes, also known as EMI Shielding Tapes, are ideal for grounding flooring or building
ground systems. They are made from a copper foil with an acrylic conductive adhesive. These conductive tapes
are supplied on a paper liner for easy handling and cutting. Copper Conductive Tapes provide a very low rate of
electrical resistance.
Product Features:
Conductive Acrylic Adhesive
Removable liner for easy handling
Solderable and resists oxidation and discoloration
3” Core
Standard length is 36 Yards
Applications:
 RFI/EMI shielding applications in the electrical and electronics industry
 Reliable point to point electrical contact
 Static charge draining
TYPICAL PHYSICAL PROPERTIES
(1)
(1) Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.
Color
Copper
Adhesion Type
Electrically Conductive Acrylic
Thickness
2.6 Mil
Temperature Rating
266
0 F
Liner
Paper
Tensile Strength
25 lbs./in.
Adhesion to steel
35 oz./in.
Shielding Effectiveness
60db – 80db


Similar Part No. - CFT

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CFT-90-CG LUMINUS-CFT-90-CG Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-CG-L11-G100 LUMINUS-CFT-90-CG-L11-G100 Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 13P
Specialty White LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 16P
Specialty White LED
Rev 04
CFT-90-WCS-X11-UA600 LUMINUS-CFT-90-WCS-X11-UA600 Datasheet
1Mb / 13P
Specialty White LED
More results

Similar Description - CFT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE330-36 PASTERNACK-PE330-36 Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-200CM PASTERNACK-PE332-200CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
ROHS and REACH Compliant
logo
Bertech.
WCGT BERTECH-WCGT Datasheet
227Kb / 1P
Conductive Grid Tape RoHS Compliant
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com